Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3658D-BCTP Datasheet(PDF) 61 Page - ams AG

Part # AS3658D-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658D-BCTP Datasheet(HTML) 61 Page - ams AG

Back Button AS3658D-BCTP Datasheet HTML 57Page - ams AG AS3658D-BCTP Datasheet HTML 58Page - ams AG AS3658D-BCTP Datasheet HTML 59Page - ams AG AS3658D-BCTP Datasheet HTML 60Page - ams AG AS3658D-BCTP Datasheet HTML 61Page - ams AG AS3658D-BCTP Datasheet HTML 62Page - ams AG AS3658D-BCTP Datasheet HTML 63Page - ams AG AS3658D-BCTP Datasheet HTML 64Page - ams AG AS3658D-BCTP Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
60 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
transferred to the DeltaCharge register. The CalReq bit is cleared automatically after the calibration has completed
successfully and FGOffCal has been written to the register.
Please note that offset calibration is not possible while the charger is active. If the CalReq bit is set while the charger is
active the calibration will start automatically after the charger has been disabled by clearing the ChEn bit or if the
external charge adapter has been removed. If during an offset calibration procedure the charger is enabled the offset
calibration mode is terminated, the CalReq bit is cleared, the current value of the elapsed time counter is transferred to
the ElapsedTime register and the DeltaCharge register is loaded with (FFFF)h.
Calculation of Battery Status
The host system can calculate all the parameters necessary for estimating the remaining battery capacity by
evaluating ElapsedTime, DeltaCharge and FGOffCal.
Calculating Elapsed Time
The host system can evaluate the change in time
Δt by setting the UpdReq bit in the FuelGauge register and reading
ElapsedTime after UpdReq has been automatically cleared. The change in time in seconds is given by:
Δt = ElapsedTime x 3600 / 4096.60 [s]
(EQ 1)
Note that the absolute accuracy of
Δt is directly related to the absolute accuracy of the internal reference oscillator. To
cancel the error associated with the accuracy of the oscillator, a correction factor CV can be introduced. CV can be
evaluated by comparing the change in time calculated by (1) with some reference value
ΔtREF obtained from a RTC or
measured during system calibration. CV is given by:
CV =
ΔtREF / Δt(EQ 2)
By multiplying
Δt and CV the correct value for the change in time can be calculated:
ΔtCORR = CV x Δt [s]
(EQ 3)
Calculating Average Current
The host system can calculate the average current during the last time period by setting the UpdReq bit in the
FuelGauge register and reading DeltaCharge and ElapsedTime after UpdReq has been automatically cleared.
Together with FGOffCal determined during offset calibration mode the average current is given by:
IAVG = DeltaCharge / (Δt x AVFC x Rsense) – FGOffCal x 3.05µV / Rsense [A]
(EQ 4)
Δt is the change in time in seconds calculated by (1), AVFC is the gain of the VFC in Hz/V, Rsense is the value of the
sense resistor in
Ω and FGOffCal is the offset calibration value. As DeltaCharge and Δt both are proportional to the
oscillator frequency, no correction factor needs to be introduced in the formula.
Calculating Accumulated Current
Accumulated current is used to calculate the absolute remaining capacity of the battery. It is given by:
IACC = IAVG x ΔtCORR [A]
(EQ 5)
Calculating the Remaining Capacity
Remaining capacity is the entire goal of fuel gauging. It is given by:
RC = RC + IACC [As]
(EQ 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com