Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8202NF Datasheet(PDF) 15 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 15 Page - ams AG

Back Button AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG AS8202NF Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
14
VSS
10 MHz
Rd
Rf
Cext
Cext
VSS
10 MHz
square
wave
VDD
40 MHz
square
wave
Enabled PLL,
external quartz
Enabled PLL,
external oscillator
Disabled PLL,
external oscillator
Figure 6. Main clock setup
Rf will normally not be soldered, it is only provided to get maximum flexibility.
Cext, typ = 15/18 pF. Rd has to be calculated, if the measured drive level will be too high; if
drive level is ok, Rd = 0.
If using an external oscillator at 10 MHz with enabled internal PLL, the oscillator must have a
period of 100 ns with low jitter. Note that a crystal-based clock is recommended over a derived
clock (i.e., PLL-based) to allow best internal PLL performance.
Parameter
Conditions
Min
Typ
Max
Unit
R_osc10
Oscillation margin @ 10 MHz, Cload = 18 pF
0.95
1
1.62
1
kOhm
R_osc16
Oscillation margin @ 16 MHz, Cload = 18 pF
0.37
1
0.64
1
kOhm
R_osc20
Oscillation margin @ 20 MHz, Cload = 18 pF
0.24
1
0.41
1
kOhm
Note 1: Not tested during production.
Cload is the value of the external load capacitors towards ground. The total load capacitance seen by the quartz will be Cload_tot = (Cload + Cpar)/2.
Cpar is the equivalent parasitic capacitance of the oscillator cell inputs and the PCB and is derived from measurements to be about 3.5 … 4.0 pF.
The bus guardian clock has no internal PLL and must be connected to either a 16 MHz Quartz
or an external 16 MHz oscillator:
16 MHz
Rd
Rf
Cext
Cext
16 MHz
square
wave
external quartz
external oscillator
Figure 7. Bus Guardian clock setup
Both the XIN0/XOUT0 (main clock) and the XIN1/XOUT1 (bus guardian clock) cells support
driving a quartz crystal oscillation as well as clock input by an external oscillator.
Build-up Characteristics
Parameter
Symbol
Pin
Min
Typ
Max
Note
Oscillator startup time
(Main clock)
Tosc_startup0
XIN0/XOUT0
20 ms Quartz frequency: 10 MHz
Oscillator startup time
(Bus Guardian clock)
Tosc_startup1
XIN1/XOUT1
20 ms Quartz frequency: 16 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com