Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3413 Datasheet(PDF) 33 Page - ams AG

Part # TCS3413
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3413 Datasheet(HTML) 33 Page - ams AG

Back Button TCS3413 Datasheet HTML 29Page - ams AG TCS3413 Datasheet HTML 30Page - ams AG TCS3413 Datasheet HTML 31Page - ams AG TCS3413 Datasheet HTML 32Page - ams AG TCS3413 Datasheet HTML 33Page - ams AG TCS3413 Datasheet HTML 34Page - ams AG TCS3413 Datasheet HTML 35Page - ams AG TCS3413 Datasheet HTML 36Page - ams AG TCS3413 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
32
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION: HARDWARE
Power Supply Decoupling and Application Hardware Circuit
The power supply lines must be decoupled with a 0.1
μF capacitor placed as close to the device package as
possible (Figure 28). The bypass capacitor should have low effective series resistance (ESR) and low effective
series inductance (ESI), such as the common ceramic types, which provide a low impedance path to ground
at high frequencies to handle transient currents caused by internal logic switching.
TCS3404/14
VBUS
VDD
0.1
mF
RP
RP
SCL
SDA
RPI
INT
Figure 28. Bus Pull-Up Resistors
Pull-up resistors (Rp) maintain the SDA and SCL lines at a high level when the bus is free and ensure the signals
are pulled up from a low to a high level within the required rise time. For a complete description of I2C maximum
and minimum Rp values, please review the NXP I2C design specification at http://www.i2c−bus.org/references/.
A pull-up resistor (RPI) is also required for the interrupt (INT), which functions as a wired-AND signal in a similar
fashion to the SCL and SDA lines. A typical impedance value between 10 k
Ω and 100 kΩ can be used. Please
note that while the figure above shows INT being pulled up to VDD, the interrupt can optionally be pulled up to
VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com