Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3413 Datasheet(PDF) 5 Page - ams AG

Part # TCS3413
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3413 Datasheet(HTML) 5 Page - ams AG

  TCS3413 Datasheet HTML 1Page - ams AG TCS3413 Datasheet HTML 2Page - ams AG TCS3413 Datasheet HTML 3Page - ams AG TCS3413 Datasheet HTML 4Page - ams AG TCS3413 Datasheet HTML 5Page - ams AG TCS3413 Datasheet HTML 6Page - ams AG TCS3413 Datasheet HTML 7Page - ams AG TCS3413 Datasheet HTML 8Page - ams AG TCS3413 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
4
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Electrical Characteristics, TA = 255C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power on (ADC inactive)
7.7
10
mA
IDD
Supply current @ VDD = 3.6 V
Power on (ADC active)
8.7
11
mA
IDD
Supply current @ VDD
3.6 V
Power down
700
1000
μA
VOL
INT, SDA output low voltage
3 mA sink current
0
0.4
V
I LEAK
Input leakage current (SDA, SCL, SYNC)
VIH = VDD, VIL = GND
−5
5
μA
AC Electrical Characteristics, VDD = 3.3 V, TA = 255C (unless otherwise noted)
PARAMETER†
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f
Clock frequency 400 kHz (I2C)
0
400
kHz
f(SCL)
Clock frequency 100 kHz (SMBus)
10
100
kHz
t(BUF)
Bus free time between start and stop condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start condition. After
this period, the first clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
0.9
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
t(TIMEOUT)
Detect clock/data low timeout (SMBus only)
25
35
ms
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF
tLOW (SYNC)
SYNC low period (see Figure 1)
50
μs
tHIGH (SYNC)
SYNC high period (see Figure 1)
50
μs
tF (SYNC)
SYNC fall time (see Figure 1)
50
ns
tR (SYNC)
SYNC rise time (see Figure 1)
50
ns
† Specified by design and characterization; not production tested.
tHIGH (SYNC)
tF (SYNC)
tR (SYNC)
tLOW (SYNC)
Figure 1. Timing Diagram for Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com