Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3413 Datasheet(PDF) 40 Page - ams AG

Part # TCS3413
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3413 Datasheet(HTML) 40 Page - ams AG

Back Button TCS3413 Datasheet HTML 33Page - ams AG TCS3413 Datasheet HTML 34Page - ams AG TCS3413 Datasheet HTML 35Page - ams AG TCS3413 Datasheet HTML 36Page - ams AG TCS3413 Datasheet HTML 37Page - ams AG TCS3413 Datasheet HTML 38Page - ams AG TCS3413 Datasheet HTML 39Page - ams AG TCS3413 Datasheet HTML 40Page - ams AG TCS3413 Datasheet HTML 41Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
39
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
MANUFACTURING INFORMATION
Moisture Sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by the release and
vaporization of moisture that has been previously absorbed into the package molding compound. To ensure the
package molding compound contains the smallest amount of absorbed moisture possible, each device is
dry-baked prior to being packed for shipping. Devices are packed in a sealed aluminized envelope with silica
gel to protect them from ambient moisture during shipping, handling, and storage before use.
CS Package
The CS package has been assigned a moisture sensitivity level of MSL 2 and the devices should be stored under
the following conditions:
Temperature Range
5
°C to 50°C
Relative Humidity
60% maximum
Floor Life
1 year out of bag at ambient < 30
°C / 60% RH
Rebaking will be required if the aluminized envelope has been open for more than 1 year. If rebaking is required,
it should be done at 50
°C for 12 hours.
FN Package
The FN package has been assigned a moisture sensitivity level of MSL 3 and the devices should be stored under
the following conditions:
Temperature Range
5
°C to 50°C
Relative Humidity
60% maximum
Total Time
12 months from the date code on the aluminized envelope — if unopened
Opened Time
168 hours or fewer
Rebaking will be required if the devices have been stored unopened for more than 12 months or if the aluminized
envelope has been open for more than 168 hours. If rebaking is required, it should be done at 50
°C for 12 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com