Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3771 Datasheet(PDF) 7 Page - ams AG

Part # TCS3771
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3771 Datasheet(HTML) 7 Page - ams AG

Back Button TCS3771 Datasheet HTML 3Page - ams AG TCS3771 Datasheet HTML 4Page - ams AG TCS3771 Datasheet HTML 5Page - ams AG TCS3771 Datasheet HTML 6Page - ams AG TCS3771 Datasheet HTML 7Page - ams AG TCS3771 Datasheet HTML 8Page - ams AG TCS3771 Datasheet HTML 9Page - ams AG TCS3771 Datasheet HTML 10Page - ams AG TCS3771 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TCS3771
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS110A − MARCH 2011
6
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
AC Electrical Characteristics, VDD = 3 V, TA = 255C (unless otherwise noted)
PARAMETER†
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(SCL)
Clock frequency (I2C only)
0
400
kHz
t(BUF)
Bus free time between start and stop condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start condition. After
this period, the first clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF
† Specified by design and characterization; not production tested.
PARAMETER MEASUREMENT INFORMATION
SDA
SCL
Stop
Start
SCLACK
t(LOWMEXT)
t(LOWMEXT)
t(LOWSEXT)
SCLACK
t(LOWMEXT)
Start
Condition
Stop
Condition
P
SDA
t(SUSTO)
t(SUDAT)
t(HDDAT)
t(BUF)
VIH
VIL
SCL
t(SUSTA)
t(HIGH)
t(F)
t(R)
t(HDSTA)
t(LOW)
VIH
VIL
PS
S
Figure 1. Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com