Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3771 Datasheet(PDF) 4 Page - ams AG

Part # TCS3771
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3771 Datasheet(HTML) 4 Page - ams AG

  TCS3771 Datasheet HTML 1Page - ams AG TCS3771 Datasheet HTML 2Page - ams AG TCS3771 Datasheet HTML 3Page - ams AG TCS3771 Datasheet HTML 4Page - ams AG TCS3771 Datasheet HTML 5Page - ams AG TCS3771 Datasheet HTML 6Page - ams AG TCS3771 Datasheet HTML 7Page - ams AG TCS3771 Datasheet HTML 8Page - ams AG TCS3771 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TCS3771
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS110A − MARCH 2011
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Proximity detection requires only a single external IR LED. An internal LED driver can be configured to provide
a constant current sink of 12.5 mA, 25 mA, 50 mA or 100 mA of current. No external current limiting resistor is
required. The number of proximity LED pulses can be programmed from 1 to 255 pulses. Each pulse has a 14-
μs
period. This LED current coupled with the programmable number of pulses provides a 2000:1 contiguous
dynamic range.
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
3
Power supply ground. All voltages are referenced to GND.
INT
5
O
Interrupt — open drain (active low).
LDR
4
O
LED driver for proximity emitter — up to 100 mA, open drain.
SCL
2
I
I2C serial clock input terminal — clock signal for I2C serial data.
SDA
6
I/O
I2C serial data I/O terminal — serial data I/O for I2C .
VDD
1
Supply voltage.
Available Options
DEVICE
ADDRESS
PACKAGE − LEADS
INTERFACE DESCRIPTION
ORDERING NUMBER
TCS37711†
0x39
FN−6
I2C Vbus = VDD Interface
TCS37711FN
TCS37713†
0x39
FN−6
I2C Vbus = 1.8 V Interface
TCS37713FN
TCS37715†
0x29
FN−6
I2C Vbus = VDD Interface
TCS37715FN
TCS37717
0x29
FN−6
I2C Vbus = 1.8 V Interface
TCS37717FN
† Contact TAOS for availability.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, VO
−0.5 V to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output current, IO
−1 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance, human body model
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
3
3.3
V
Operating free-air temperature, TA
−30
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com