Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3771 Datasheet(PDF) 6 Page - ams AG

Part # TCS3771
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3771 Datasheet(HTML) 6 Page - ams AG

Back Button TCS3771 Datasheet HTML 2Page - ams AG TCS3771 Datasheet HTML 3Page - ams AG TCS3771 Datasheet HTML 4Page - ams AG TCS3771 Datasheet HTML 5Page - ams AG TCS3771 Datasheet HTML 6Page - ams AG TCS3771 Datasheet HTML 7Page - ams AG TCS3771 Datasheet HTML 8Page - ams AG TCS3771 Datasheet HTML 9Page - ams AG TCS3771 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TCS3771
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS110A − MARCH 2011
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Proximity Characteristics, VDD = 3 V, TA = 255C, Gain = 16, PEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current
LDR pulse on
3
mA
ADC conversion time step size
PTIME = 0xFF
2.27
2.4
2.56
ms
ADC number of integration steps
1
256
steps
ADC counts per step
0
1023
counts
IR LED pulse count
0
255
pulses
LED pulse period
Two or more pulses
14
μs
LED pulse width — LED on time
6.3
μs
PDRIVE = 0
80
106
132
LED drive current
ISINK sink current @ 600 mV,
PDRIVE = 1
50
mA
LED drive current
ISINK sink current @ 600 mV,
LDR pin
PDRIVE = 2
25
mA
PDRIVE = 3
12.5
Dark count value
Ee = 0, PTIME = 0xFB, PPULSE = 2
900
counts
Red channel
λP = 850 nm, Ee = 45.3 μW/cm2, PTIME = 0xFB,
PPULSE = 2 (See note 1)
1000
3000
counts
Clear channel
λP = 850 nm, Ee = 45.3 μW/cm2, PTIME = 0xFB,
PPULSE = 2 (See note 1)
1000
3000
counts
Operating distance (See note 2)
30
inches
NOTES: 1. The specified light intensity is 100% modulated by the pulse output of the device so that during the pulse output low time, the light
intensity is at the specified level, and 0 otherwise.
2. Proximity Operating Distance is dependent upon emitter properties and the reflective properties of the proximity surface. The
nominal value shown uses an IR emitter with a peak wavelength of 850nm and a 20
° half angle. The proximity surface used is a
90% reflective (white surface) 16
× 20-inch Kodak Gray Card. 60 mw/SR, 100 mA, 64 pulses, open view (no glass). Note: Greater
distances are achievable with appropriate system considerations.
Wait Characteristics, VDD = 3 V, TA = 255C, Gain = 16, WEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
UNIT
Wait step size
WTIME = 0xFF
2.27
2.4
2.56
ms
Wait number of steps
1
256
steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com