Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3415CS Datasheet(PDF) 10 Page - ams AG

Part # TCS3415CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3415CS Datasheet(HTML) 10 Page - ams AG

Back Button TCS3415CS Datasheet HTML 6Page - ams AG TCS3415CS Datasheet HTML 7Page - ams AG TCS3415CS Datasheet HTML 8Page - ams AG TCS3415CS Datasheet HTML 9Page - ams AG TCS3415CS Datasheet HTML 10Page - ams AG TCS3415CS Datasheet HTML 11Page - ams AG TCS3415CS Datasheet HTML 12Page - ams AG TCS3415CS Datasheet HTML 13Page - ams AG TCS3415CS Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
9
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
PRINCIPLES OF OPERATION
Analog-to-Digital Converter
The TCS3404/14 contains four integrating analog-to-digital converters (ADC) that integrate the currents from
the four photodiodes (channel 1 through channel 4). Integration of all four channels occurs simultaneously, and
upon completion of the conversion cycle the conversion results are transferred to the channel data registers,
respectively. The transfers are double-buffered to ensure that invalid data is not read during the transfer. After
the transfer, the device automatically begins the next integration cycle.
There are two ways to control the integration cycles: internally timed and externally timed. Internally-timed
integration cycles can either be continuous back-to-back conversions or can be externally triggered as a single
event using the SYNC pin. Externally-timed integrations can be controlled by setting and clearing a register bit
(i.e. ADC_EN in Control Register) using the serial interface, or by 1 or more pulses input to the SYNC pin.
Integration options are configured through the Timing Register (see the Timing Register section for more
information).
Digital Interface
Interface and control of the TCS3404/14 is accomplished through a two-wire serial interface to a set of registers
that provide access to device control functions and output data. The serial interface is compatible with System
Management Bus (SMBus) versions 1.1 and 2.0, and I2C bus Fast-Mode.
The TCS3404/14 device supports a single slave address outlined in Table 1. Additional devices shown in the
Available Options table on page 3 support additional I2C slave addresses for systems requiring more than one
device.
Table 1. Slave Address
SLAVE ADDRESS
SMB ALERT ADDRESS
0111001
0001100
NOTE: The slave and SMB Alert addresses are 7 bits. Please note the SMBus and I2C protocols on the following pages. A read/write bit should
be appended to the slave address by the master device to communicate properly with the device.
Interrupt
Although the ADC channel data registers can be read at any time to obtain the most recent conversion value,
in some applications, periodic polling of the device may not be desirable. For these types of applications, the
device supports a variety of interrupt options allowing the user to configure the device to signal when a change
in light intensity has occurred. High and low threshold registers allow a range of light levels to be defined, outside
of which the device generates an interrupt. A persistence setting allows the user to specify a time duration that
the measured value must remain outside of the defined range before generating an interrupt. The interrupt
function can be assigned to any one of the four ADC color channels. See Interrupt Control Register for more
information on configuring the interrupt functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com