Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3415CS Datasheet(PDF) 17 Page - ams AG

Part # TCS3415CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3415CS Datasheet(HTML) 17 Page - ams AG

Back Button TCS3415CS Datasheet HTML 13Page - ams AG TCS3415CS Datasheet HTML 14Page - ams AG TCS3415CS Datasheet HTML 15Page - ams AG TCS3415CS Datasheet HTML 16Page - ams AG TCS3415CS Datasheet HTML 17Page - ams AG TCS3415CS Datasheet HTML 18Page - ams AG TCS3415CS Datasheet HTML 19Page - ams AG TCS3415CS Datasheet HTML 20Page - ams AG TCS3415CS Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
16
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Timing Register (01h)
The TIMING register controls the synchronization and integration time of the ADC channels. The Timing
Register settings apply to all four ADC channels. The Timing Register defaults to 00h at power on.
Table 5. Timing Register
6
75
4
PARAM
2
31
0
0
00
0
0
00
0
Reset Value:
TIMING
SYNC_EDGE
Resv
INTEG_MODE
01h
FIELD
BITS
DESCRIPTION
Resv
7
Reserved. Write as 0.
SYNC_EDGE
6
Sync pin edge. If SYNC_EDGE is low, the falling edge of the sync pin is used to stop an integration
cycle when INTEG_MODE is 11. If SYNC_EDGE is high, the rising edge of the sync pin is used to
stop an integration cycle when INTEG_MODE is 11.
Selects preset integration time, manual integration (via serial bus), or external synchronization (SYNC
IN) modes.
FIELD VALUE
MODE
00
In this mode, the integrator is free-running and one of the three
internally-generated Nominal Integration Times is selected for each conversion
(see Integration Time table below).
INTEG_MODE
5:4
01
Manually start/stop integration through serial bus using ADC_EN field in Con-
trol Register.
10
Synchronize exactly one internally-timed integration cycle as specified in the
NOMINAL INTEGRATION TIME beginning 2.4
μs after being initiated by the
SYNC IN pin.
11
Integrate over specified number of pulses on SYNC IN pin (See SYNC IN
PULSE COUNT table below). Minimum width of sync pulse is 50
μs. SYNC
IN must be low at least 3.6
μs.
Uses single, multipurpose bitmapped field to select one of three predefined integration times or set the
number of SYNC IN pulses to count when the INTEG_MODE accumulate mode (11) is selected.
NOTE: INTEG_MODE and TIME/COUNTER fields should be written before ADC_EN is asserted.
FIELD VALUE
NOMINAL INTEGRATION TIME
0000
12 ms
0001
100 ms
0010
400 ms
PARAM
3:0
FIELD VALUE
SYNC IN PULSE COUNT
PARAM
3:0
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com