Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3415CS Datasheet(PDF) 26 Page - ams AG

Part # TCS3415CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3415CS Datasheet(HTML) 26 Page - ams AG

Back Button TCS3415CS Datasheet HTML 22Page - ams AG TCS3415CS Datasheet HTML 23Page - ams AG TCS3415CS Datasheet HTML 24Page - ams AG TCS3415CS Datasheet HTML 25Page - ams AG TCS3415CS Datasheet HTML 26Page - ams AG TCS3415CS Datasheet HTML 27Page - ams AG TCS3415CS Datasheet HTML 28Page - ams AG TCS3415CS Datasheet HTML 29Page - ams AG TCS3415CS Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
25
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION: SOFTWARE
When the INTEG_MODE field value is set to 10b, an externally-controlled synchronization input (SYNC) is used
to trigger the start of an integration period. The integration period starts on the rising edge of the SYNC pulse,
triggers a single, internally-timed integration cycle, and continues until the Nominal Integration Time, as defined
in the PARAM field, is completed.
SYNC IN
Integration Period
Time duration determined by
PARAM field (nominal
integration time)
INTERRUPT
AB
NOTE: ADC_EN must be toggled (i.e. from high to low and back to high again) before next integration cycle
Figure 23. One-Shot Integration (INTEG_MODE 10b) Falling Edge
1.
Enable ADC_EN (= 1)
2.
Set PARAM for desired integration cycle (12ms, 100ms, or 400ms)
3.
Set INTEG_MODE to 10b
4.
Disable SYNC and clear INTR
5.
Read channel data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com