Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83620 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 72 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 68Page - Texas Instruments DP83620 Datasheet HTML 69Page - Texas Instruments DP83620 Datasheet HTML 70Page - Texas Instruments DP83620 Datasheet HTML 71Page - Texas Instruments DP83620 Datasheet HTML 72Page - Texas Instruments DP83620 Datasheet HTML 73Page - Texas Instruments DP83620 Datasheet HTML 74Page - Texas Instruments DP83620 Datasheet HTML 75Page - Texas Instruments DP83620 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 105 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Table 10-4. Basic Mode Status Register (BMSR), address 0x01 (continued)
Bit
Bit Name
Default
Description
4
REMOTE FAULT
0, RO/LH
Remote Fault:
1 = Remote Fault condition detected (cleared on read or by reset). Fault criteria: Far End
Fault Indication or notification from Link Partner of Remote Fault.
0 = No remote fault condition detected.
3
AUTO-NEGOTIATION
1, RO/P
Auto Negotiation Ability:
ABILITY
1 = Device is able to perform Auto-Negotiation.
0 = Device is not able to perform Auto-Negotiation.
2
LINK STATUS
0, RO/LL
Link Status:
1 = Valid link established (for either 10 or 100 Mb/s operation).
0 = Link not established.
The criteria for link validity is implementation specific. The occurrence of a link failure
condition will causes the Link Status bit to clear. Once cleared, this bit may only be set by
establishing a good link condition and a read via the management interface.
1
JABBER DETECT
0, RO/LH
Jabber Detect: This bit only has meaning in 10 Mb/s mode.
1 = Jabber condition detected.
0 = No Jabber.
This bit is implemented with a latching function, such that the occurrence of a jabber
condition causes it to set until it is cleared by a read to this register by the management
interface or by a reset.
0
EXTENDED
1, RO/P
Extended Capability:
CAPABILITY
1 = Extended register capabilities.
0 = Basic register set capabilities only.
The PHY Identifier Registers #1 and #2 together form a unique identifier for the DP83620. The Identifier
consists of a concatenation of the Organizationally Unique Identifier (OUI), the vendor's model number
and the model revision number. A PHY may return a value of zero in each of the 32 bits of the PHY
Identifier if desired. The PHY Identifier is intended to support network management.
10.1.3 PHY Identifier Register #1 (PHYIDR1)
Table 10-5. PHY Identifier Register #1 (PHYIDR1), address 0x02
Bit
Bit Name
Default
Description
15:0
OUI_MSB
0010 0000 0000 0000,
OUI Most Significant Bits: Bits 3 to 18 of the OUI (080017h) are stored in bits 15
RO/P
to 0 of this register. The most significant two bits of the OUI are ignored (the IEEE
standard refers to these as bits 1 and 2).
10.1.4 PHY Identifier Register #2 (PHYIDR2)
Table 10-6. PHY Identifier Register #2 (PHYIDR2), address 0x03
Bit
Bit Name
Default
Description
15:10
OUI_LSB
0101 11, RO/P
OUI Least Significant Bits:
Bits 19 to 24 of the OUI (080017h) are mapped from bits 15 to 10 of this register
respectively.
9:4
VNDR_MDL
00 1110, RO/P
Vendor Model Number:
The six bits of vendor model number are mapped from bits 9 to 4 (most significant bit to
bit 9).
3:0
MDL_REV
0001, RO/P
Model Revision Number:
Four bits of the vendor model revision number are mapped from bits 3 to 0 (most
significant bit to bit 3). This field will be incremented for all major device changes.
72
Register Block
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com