Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83620 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 17Page - Texas Instruments DP83620 Datasheet HTML 18Page - Texas Instruments DP83620 Datasheet HTML 19Page - Texas Instruments DP83620 Datasheet HTML 20Page - Texas Instruments DP83620 Datasheet HTML 21Page - Texas Instruments DP83620 Datasheet HTML 22Page - Texas Instruments DP83620 Datasheet HTML 23Page - Texas Instruments DP83620 Datasheet HTML 24Page - Texas Instruments DP83620 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
TX_CLK
TX_EN
0
0
1
1
T2.14.1
T2.14.2
PMD Output
Pair
PMD Output
Pair
T2.13.1
TX_CLK
TX_EN
TXD[3:0]
PMD Output
Pair
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
4.17 AC Specifications — 10BASE-T MII Transmit Timing (Start of Packet)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.13.1
Transmit Output Delay from the Falling
10 Mb/s MII mode
3.5
bits
Edge of TX_CLK(1)
(1)
1 bit time = 100 ns in 10 Mb/s.
4.18 AC Specifications — 10BASE-T MII Transmit Timing (End of Packet)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.14.1
End of Packet High Time (with '0'
250
300
ns
ending bit)
T2.14.2
End of Packet High Time (with '1'
250
300
ns
ending bit)
Copyright © 2011–2013, Texas Instruments Incorporated
Electrical Specifications
21
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com