Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83620 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 5Page - Texas Instruments DP83620 Datasheet HTML 6Page - Texas Instruments DP83620 Datasheet HTML 7Page - Texas Instruments DP83620 Datasheet HTML 8Page - Texas Instruments DP83620 Datasheet HTML 9Page - Texas Instruments DP83620 Datasheet HTML 10Page - Texas Instruments DP83620 Datasheet HTML 11Page - Texas Instruments DP83620 Datasheet HTML 12Page - Texas Instruments DP83620 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Signal Name
Pin Name
Type
Pin #
Description
CRS/CRS_DV
CRS/CRS_DV
S, O, PU
40
MII CARRIER SENSE: Asserted high to indicate the receive medium is
non-idle.
RMII CARRIER SENSE/RECEIVE DATA VALID: This signal combines the
RMII Carrier and Receive Data Valid indications. For a detailed description
of this signal, see the RMII Specification.
This pin provides an integrated 50 ohm signal termination, making external
termination resistors unnecessary.
COL
COL
S, O, PU
42
MII COLLISION DETECT: Asserted high to indicate detection of a collision
condition (simultaneous transmit and receive activity) in 10 Mb/s and 100
Mb/s Half Duplex Modes.
While in 10BASE-T Half Duplex mode with heartbeat enabled this pin is
also asserted for a duration of approximately 1µs at the end of transmission
to indicate heartbeat (SQE test).
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this signal is
always logic 0. There is no heartbeat function during 10 Mb/s full duplex
operation.
RMII COLLISION DETECT: Per the RMII Specification, no COL signal is
required. The MAC will recover CRS from the CRS_DV signal and use that
along with its TX_EN signal to determine collision.
This pin provides an integrated 50 ohm signal termination, making external
termination resistors unnecessary.
3.5
CLOCK INTERFACE
Signal Name
Pin Name
Type
Pin #
Description
X1
X1
I
34
CRYSTAL/OSCILLATOR INPUT: This pin is the primary clock reference
input for the DP83620 and must be connected to a 25 MHz 0.005% (±50
ppm) clock source. The DP83620 supports either an external crystal
resonator connected across pins X1 and X2 or an external CMOS-level
oscillator source connected to pin X1 only.
RMII REFERENCE CLOCK: For RMII Slave Mode, this pin must be
connected to a 50 MHz 0.005% (±50 ppm) CMOS-level oscillator source. In
RMII Master Mode, a 25 MHz reference is required, either from an external
crystal resonator connected across pins X1 and X2 or from an external
CMOS-level oscillator source connected to pin X1 only.
X2
X2
O
33
CRYSTAL OUTPUT: This pin is the primary clock reference output to
connect to an external 25 MHz crystal resonator device. This pin must be
left unconnected if an external CMOS oscillator clock source is used.
CLK_OUT
CLK_OUT
O
24
CLOCK OUTPUT: This pin provides a highly configurable system clock,
which may have one of three sources:
1.
50 MHz RMII reference clock in RMII Master Mode
2.
25 MHz Receive Clock (same as RX_CLK) in 100 Mb mode
3.
25 MHz or 50 MHz pass-through of X1 reference clock
3.6
LED INTERFACE
The DP83620 supports three configurable LED pins. The LEDs support two operational modes which are
selected by the LED mode strap and a third operational mode which is register configurable. The
definitions for the LEDs for each mode are detailed below.
Signal Name
Pin Name
Type
Pin #
Description
LED_LINK
LED_LINK
S, O, PU
28
LINK LED: In Mode 1, this pin indicates the status of the LINK. The LED
will be ON when Link is good.
LINK/ACT LED: In Mode 2 and Mode 3, this pin indicates transmit and
receive activity in addition to the status of the Link. The LED will be ON
when Link is good. It will blink when the transmitter or receiver is active.
LED_SPEED
LED_SPEED/FX_S
S, O, PU
27
SPEED LED: The LED is ON when device is in 100 Mb/s and OFF when in
D
10 Mb/s. Functionality of this LED is independent of mode selected.
LED_ACT
LED_ACT
S, O, PU
26
ACTIVITY LED: In Mode 1, this pin is the Activity LED which is ON when
activity is present on either Transmit or Receive.
COLLISION/DUPLEX LED: In Mode 2, this pin by default indicates
Collision detection. In Mode 3, this LED output indicates Full-Duplex status.
Copyright © 2011–2013, Texas Instruments Incorporated
Pin Descriptions
9
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com