Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2771 Datasheet(PDF) 13 Page - ams AG

Part # TSL2771
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2771 Datasheet(HTML) 13 Page - ams AG

Back Button TSL2771 Datasheet HTML 9Page - ams AG TSL2771 Datasheet HTML 10Page - ams AG TSL2771 Datasheet HTML 11Page - ams AG TSL2771 Datasheet HTML 12Page - ams AG TSL2771 Datasheet HTML 13Page - ams AG TSL2771 Datasheet HTML 14Page - ams AG TSL2771 Datasheet HTML 15Page - ams AG TSL2771 Datasheet HTML 16Page - ams AG TSL2771 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TSL2771
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS100B − FEBRUARY 2011
12
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Interrupts
The interrupt feature simplifies and improves system efficiency by eliminating the need to poll the sensor for
light intensity or proximity values outside of a user-defined range. While the interrupt function is always enabled
and it’s status is available in the status register (0x13), the output of the interrupt state can be enabled using
the proximity interrupt enable (PIEN) or ALS interrupt enable (AIEN) fields in the enable register (0x00).
Four 16-bit interrupt threshold registers allow the user to set limits below and above a desired light level and
proximity range. An interrupt can be generated when the ALS CH0 data (C0DATA) falls outside of the desired
light level range, as determined by the values in the ALS interrupt low threshold registers (AILTx) and ALS
interrupt high threshold registers (AIHTx). Likewise, an out-of-range proximity interrupt can be generated when
the proximity data (PDATA) falls below the proximity interrupt low threshold (PILTx) or exceeds the proximity
interrupt high threshold (PIHTx). It is important to note that the low threshold value must be less than the high
threshold value for proper operation.
To further control when an interrupt occurs, the device provides a persistence filter. The persistence filter allows
the user to specify the number of consecutive out-of-range ALS or proximity occurrences before an interrupt
is generated. The persistence register (0x0C) allows the user to set the ALS persistence (APERS) and the
proximity persistence (PPERS) values. See the persistence register for details on the persistence filter values.
Once the persistence filter generates an interrupt, it will continue until a special function interrupt clear command
is received (see command register).
Prox
ADC
Prox
Data
CH0
ADC
CH0
Data
Prox
Integration
CH0
CH1
Upper Limit
Upper Limit
Lower Limit
Lower Limit
Prox Persistence
PILTH(r 09), PILTL(r 08)
AIHTH(r 07), AIHTL(r 06)
ALS Persistence
AILTH(r 05), AILTL(r 04)
PIHTH(r 0x0B), PIHTL(r 0x0A)
PPERS(r 0x0C, b7:4)
APERS(r 0x0C, b3:0)
Figure 12. Programmable Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com