Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2771 Datasheet(PDF) 3 Page - ams AG

Part # TSL2771
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2771 Datasheet(HTML) 3 Page - ams AG

  TSL2771 Datasheet HTML 1Page - ams AG TSL2771 Datasheet HTML 2Page - ams AG TSL2771 Datasheet HTML 3Page - ams AG TSL2771 Datasheet HTML 4Page - ams AG TSL2771 Datasheet HTML 5Page - ams AG TSL2771 Datasheet HTML 6Page - ams AG TSL2771 Datasheet HTML 7Page - ams AG TSL2771 Datasheet HTML 8Page - ams AG TSL2771 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TSL2771
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS100B − FEBRUARY 2011
2
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Functional Block Diagram
CH0
SDA
VDD
INT
SCL
LDR
CH1
ADC
ALS Control
CH1
Data
Wait Control
Prox
ADC
Prox Control
Prox
Data
IR LED Constant
Current Sink
CH0
ADC
CH0
Data
Prox
Integration
CH1
Upper Limit
Upper Limit
Lower Limit
Lower Limit
Interrupt
GND
Detailed Description
The TSL2771 light-to-digital device provides on-chip photodiodes, integrating amplifiers, ADCs, accumulators,
clocks, buffers, comparators, a state machine, and an I2C interface. Each device combines a Channel 0
photodiode (CH0), which is responsive to both visible and infrared light, and a channel 1 photodiode (CH1),
which is responsive primarily to infrared light. Two integrating ADCs simultaneously convert the amplified
photodiode currents into a digital value providing up to 16 bits of resolution. Upon completion of the conversion
cycle, the conversion result is transferred to the data registers. This digital output can be read by a
microprocessor through which the illuminance (ambient light level) in Lux is derived using an empirical formula
to approximate the human eye response.
Communication to the device is accomplished through a fast (up to 400 kHz), two-wire I2C serial bus for easy
connection to a microcontroller or embedded controller. The digital output of the device is inherently more
immune to noise when compared to an analog interface.
The device provides a separate pin for level-style interrupts. When interrupts are enabled and a pre-set value
is exceeded, the interrupt pin is asserted and remains asserted until cleared by the controlling firmware. The
interrupt feature simplifies and improves system efficiency by eliminating the need to poll a sensor for a light
intensity or proximity value. An interrupt is generated when the value of an ALS or proximity conversion exceeds
either an upper or lower threshold. In addition, a programmable interrupt persistence feature allows the user
to determine how many consecutive exceeded thresholds are necessary to trigger an interrupt. Interrupt
thresholds and persistence settings are configured independently for both ALS and proximity.
Proximity detection requires only a single external IR LED. An internal LED driver can be configured to provide
a constant current sink of 12.5 mA, 25 mA, 50 mA, or 100 mA of current. No external current limiting resistor
is required. The number of proximity LED pulses can be programmed from 1 to 255 pulses. Each pulse has a
16-
μs period. This LED current, coupled with the programmable number of pulses, provides a 2000:1
contiguous dynamic range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com