Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2771 Datasheet(PDF) 2 Page - ams AG

Part # TSL2771
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2771 Datasheet(HTML) 2 Page - ams AG

  TSL2771 Datasheet HTML 1Page - ams AG TSL2771 Datasheet HTML 2Page - ams AG TSL2771 Datasheet HTML 3Page - ams AG TSL2771 Datasheet HTML 4Page - ams AG TSL2771 Datasheet HTML 5Page - ams AG TSL2771 Datasheet HTML 6Page - ams AG TSL2771 Datasheet HTML 7Page - ams AG TSL2771 Datasheet HTML 8Page - ams AG TSL2771 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TSL2771
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS100B − FEBRUARY 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Features
D Ambient Light Sensing and Proximity
Detection in a Single Device
D Ambient Light Sensing (ALS)
− Approximates Human Eye Response
− Programmable Analog Gain
− Programmable Integration Time
− Programmable Interrupt Function with
Upper and Lower Threshold
− Resolution Up to 16 Bits
− Very High Sensitivity — Operates Well
Behind Darkened Glass
− Up to 1,000,000:1 Dynamic Range
D Proximity Detection
− Programmable Number of IR Pulses
− Programmable Current Sink for the IR
LED — No Limiting Resistor Needed
− Programmable Interrupt Function with
Upper and Lower Threshold
− Covers a 2000:1 Dynamic Range
D Programmable Wait Timer
− Programmable from 2.72 ms
to > 8 Seconds
− Wait State — 65
mA Typical Current
D I2C Interface Compatible
− Up to 400 kHz (I2C Fast Mode)
− Dedicated Interrupt Pin
D Small 2 mm y 2 mm ODFN Package
D Sleep Mode — 2.5 mA Typical Current
Applications
D Cell Phone Backlight Dimming
D Cell Phone Touch Screen Disable
D Notebook/Monitor Security
D Automatic Speakerphone Enable
D Automatic Menu Popup
Description
The TSL2771 family of devices provides both ambient light sensing (ALS) and proximity detection (when
coupled with an external IR LED). The ALS approximates human eye response to light intensity under a variety
of lighting conditions and through a variety of attenuation materials. The proximity detection feature allows a
large dynamic range of operation for use in short distance detection behind dark glass such as in a cell phone
or for longer distance measurements for applications such as presence detection for monitors or laptops. The
programmable proximity detection enables continuous measurements across the entire range. In addition, an
internal state machine provides the ability to put the device into a low power mode in between ALS and proximity
measurements providing very low average power consumption.
While useful for general purpose light sensing, the device is particularly useful for display management with the
purpose of extending battery life and providing optimum viewing in diverse lighting conditions. Display panel
and keyboard backlighting can account for up to 30 to 40 percent of total platform power. The ALS features are
ideal for use in tablets, notebook PCs, LCD monitors, flat-panel televisions, and cell phones.
The proximity function is targeted specifically towards cell phone, LCD monitor, laptop, and flat-panel television
applications. In cell phones, the proximity detection can detect when the user positions the phone close to their
ear. The device is fast enough to provide proximity information at a high repetition rate needed when answering
a phone call. It can also detect both close and far distances so the application can implement more complex
algorithms to provide a more robust interface. In laptop or monitor applications, the product is sensitive enough
to determine whether a user is in front of the laptop using the keyboard or away from the desk. This provides
both improved green power saving capability and the added security to lock the computer when the user is not
present.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 LDR
Package Image Not Actual Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com