Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C080-10PC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27C080-10PC
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-10PC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT27C080-10PC Datasheet HTML 2Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 3Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 4Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 5Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 6Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 7Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 8Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 9Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AT27C080
8
Rapid Programming Algorithm
A 50
µs CE pulse width is used to program. The address is
set to the first location. V
CC is raised to 6.5V and OE/VPP is
raised to 13.0V. Each address is first programmed with one
50
µs CE pulse without verification. Then a verification
reprogramming loop is executed for each address. In the
event a byte fails to pass verification, up to 10 successive
50
µs pulses are applied with a verification after each
pulse. If the byte fails to verify after 10 pulses have been
applied, the part is considered failed. After the byte verifies
properly, the next address is selected until all have been
checked. OE/V
PP is then lowered to VIL and VCC to 5.0V. All
bytes are read again and compared with the original data to
determine if the device passes or fails.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com