Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C080-10PC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C080-10PC
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-10PC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C080-10PC Datasheet HTML 1Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 2Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 3Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 4Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 5Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 6Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 7Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 8Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AT27C080
4
DC and AC Operating Conditions for Read Operation
AT27C080
-90
-10
-12
-15
Operating Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and Operating Characteristics for Read Operation
Note:
1. V
CC must be applied simultaneously or before OE/ VPP, and removed simultaneously or after OE/VPP.
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC (Com., Ind.)
±1.0
µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC (Com., Ind.)
±5.0
µA
I
SB
V
CC
(1) Standby Current
I
SB1 (CMOS), CE = VCC ± 0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
1.0
mA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
40
mA
V
IL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V
AC Characteristics for Read Operation
Note:
2, 3, 4, 5. See AC Waveforms for Read Operation.
Symbol Parameter
Condition
AT27C080
Units
-90
-10
-12
-15
Min
Max
Min
Max
Min
Max
Min
Max
t
ACC
(4)
Address to Output Delay
CE =OE/V
PP = VIL
90
100
120
150
ns
t
CE
(3)
CE to Output Delay
OE = V
IL
90
100
120
150
ns
t
OE
(3)(4)
OE to Output Delay
CE = V
IL
20
20
30
35
ns
t
DF
(2)(5)
OE or CE High to Output Float,
whichever occurred first
30
30
35
40
ns
t
OH
Output Hold from Address, CE or
OE/V
PP, whichever occurred first
0
000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com