Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C080-10PC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT27C080-10PC
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-10PC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT27C080-10PC Datasheet HTML 2Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 3Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 4Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 5Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 6Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 7Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 8Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 9Page - ATMEL Corporation AT27C080-10PC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AT27C080
6
Programming Waveforms
Notes:
1.
The Input Timing reference is 0.8V for V
IL and 2.0V for VIH.
2.
t
OE and tDFP are characteristics of the device but must be accommodated by the programmer.
DC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions
Limits
Units
Min
Max
I
LI
Input Load Current
V
IN = VIL, VIH
±10
µA
V
IL
Input Low Level
-0.6
0.8
V
V
IH
Input High Level
2.0
V
CC + 1.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V
I
CC2
V
CC Supply Current (Program and Verify)
40
mA
I
PP2
OE/V
PP Supply Current
CE = V
IL
25
mA
V
ID
A9 Product Identification Voltage
11.5
12.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com