Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA133UA/2K5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA133UA/2K5
Description  High-Speed, Precision DIFFERENCE AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA133UA/2K5 Datasheet(HTML) 3 Page - Texas Instruments

  INA133UA/2K5 Datasheet HTML 1Page - Texas Instruments INA133UA/2K5 Datasheet HTML 2Page - Texas Instruments INA133UA/2K5 Datasheet HTML 3Page - Texas Instruments INA133UA/2K5 Datasheet HTML 4Page - Texas Instruments INA133UA/2K5 Datasheet HTML 5Page - Texas Instruments INA133UA/2K5 Datasheet HTML 6Page - Texas Instruments INA133UA/2K5 Datasheet HTML 7Page - Texas Instruments INA133UA/2K5 Datasheet HTML 8Page - Texas Instruments INA133UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
®
INA133, INA2133
INA133U
INA133UA
INA2133U
INA2133UA
SPECIFICATIONS: VS = ±5V
At TA = +25°C, VS = ±5V, RL = 10kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage Range ........................................................................ 2 • VS
Output Short-Circuit (to ground)(2) .......................................... Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) One channel per package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
Single
INA133U
SO-8 Surface Mount
182
–40
°C to +85°C
INA133U
INA133U
Rails
""
"
"
"
INA133U/2K5
Tape and Reel
INA133UA
SO-8 Surface Mount
182
–40
°C to +85°C
INA133UA
INA133UA
Rails
""
"
"
"
INA133UA/2K5
Tape and Reel
Dual
INA2133U
SO-14 Surface Mount
235
–40
°C to +85°C
INA2133U
INA2133U
Rails
""
"
"
"
INA2133U/2K5
Tape and Reel
INA2133UA
SO-14 Surface Mount
235
–40
°C to +85°C
INA2133UA
INA2133UA
Rails
""
"
"
"
INA2133UA/2K5
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/ ) are
available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “INA133UA/2K5” will get a single
2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE(1)
RTO
Initial(1)
VCM = 0V
±300
±750
T
±1500
µV
vs Temperature
±2
T
µV/°C
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
Positive
VO = 0V
2(V+) – 3
2(V+) –2
TT
V
Negative
VO = 0V
2(V–) + 3
2(V–) + 2
TT
V
Common-Mode Rejection Ratio
VCM = –7V to +7V, RS = 0Ω
80
90
74
T
dB
GAIN
Initial
1
T
V/V
Gain Error
VO = –4V to 3.5V
±0.02
±0.05
T
±0.1
%
Nonlinearity
VO = –4V to 3.5V
±0.0001
±0.001
T
±0.002
% of FS
OUTPUT
Voltage Output
Gain Error < 0.1%
Positive
RL = 10kΩ to Ground
(V+) –1.5
(V+) –1.3
TT
V
Negative
RL = 10kΩ to Ground
(V–) +1
(V–) +0.8
TT
V
Positive
RL = 100kΩ to Ground
(V+) –0.8
T
V
Negative
RL = 100kΩ to Ground
(V–) +0.3
T
V
POWER SUPPLY
Rated Voltage
±15
T
V
Operating Voltage Range
Dual Supplies
±2.25
±18
TT
V
Single Supply
+4.5
+36
TT
V
Quiescent Current (per amplifier)
IO = 0
±0.92
±1.2
TT
mA
T Specifications the same as INA133U, INA2133U.
NOTES: (1) Includes the effects of amplifier’s input bias and offset currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com