Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA133UA/2K5 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA133UA/2K5
Description  High-Speed, Precision DIFFERENCE AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA133UA/2K5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA133UA/2K5 Datasheet HTML 7Page - Texas Instruments INA133UA/2K5 Datasheet HTML 8Page - Texas Instruments INA133UA/2K5 Datasheet HTML 9Page - Texas Instruments INA133UA/2K5 Datasheet HTML 10Page - Texas Instruments INA133UA/2K5 Datasheet HTML 11Page - Texas Instruments INA133UA/2K5 Datasheet HTML 12Page - Texas Instruments INA133UA/2K5 Datasheet HTML 13Page - Texas Instruments INA133UA/2K5 Datasheet HTML 14Page - Texas Instruments INA133UA/2K5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
®
INA133, INA2133
V
1
5
6
1
3
V
O = 2 • V1
INA133
Gain Error = 0.025% maximum
Gain Drift = 2ppm/
°C
2
V
3
5
6
3
2
INA133
1
V
O =
V
3
2
±0.05% max
(V
1 + V3)
2
V
O =
±0.05% max
V
1
5
6
1
3
2
INA133
V
3
V
O = V1 + V3
±0.05% max
V
1
5
6
1
3
INA133
2
V
3
5
6
1
3 Ref
2
Output
INA133
Voltage
Source
(1)
Device
VFC320
VFC100
DAC80
DAC703
XTR110
Output
0-10kHz
0-F
CLOCK/2
0-FS (12 bits)
0-FS (16 bits)
4-20mA
Ref must be driven
by low impedance.
NOTE: (1) Unipolar Input Device.
OPA277
V
1
6
1
3
V
O
INA133
V
3
25
R
1
R
2
V
O =
1 +
R
2
R
1
V
1 + V3
2
(
)(
)
For G = 10,
See INA143.
FIGURE 7. Precision Gain = 2 Amplifier.
FIGURE 8. Precision Gain = 1/2 Amplifier.
FIGURE 9. Precision Average Value Amplifier.
FIGURE 10. Precision Summing Amplifier.
FIGURE 11. Precision Bipolar Offsetting.
FIGURE 12. Precision Summing Amplifier with Gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com