Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA133UA/2K5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA133UA/2K5
Description  High-Speed, Precision DIFFERENCE AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA133UA/2K5 Datasheet(HTML) 5 Page - Texas Instruments

  INA133UA/2K5 Datasheet HTML 1Page - Texas Instruments INA133UA/2K5 Datasheet HTML 2Page - Texas Instruments INA133UA/2K5 Datasheet HTML 3Page - Texas Instruments INA133UA/2K5 Datasheet HTML 4Page - Texas Instruments INA133UA/2K5 Datasheet HTML 5Page - Texas Instruments INA133UA/2K5 Datasheet HTML 6Page - Texas Instruments INA133UA/2K5 Datasheet HTML 7Page - Texas Instruments INA133UA/2K5 Datasheet HTML 8Page - Texas Instruments INA133UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
®
INA133, INA2133
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, RL = 10kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
GAIN vs FREQUENCY
Frequency (Hz)
10k
1M
100k
10M
10
0
–10
–20
–30
–40
–50
V
S = ±15V or ±5V
+125
°C
+25
°C
–55
°C
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
100
100k
1k
10k
1M
100
90
80
70
60
50
40
V
S = ±15V or ±5V
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
1
100
1k
10k
10
100k
120
100
80
60
40
20
–PSRR
+PSRR
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
130
120
110
100
90
100
1k
10k
100k
INA2133
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
0
5
10
–5
–10
15
40
30
20
10
0
–10
–20
–30
–40
V
S = ±5V
V
S = ±15V
TOTAL HARMONIC DISTORTION+NOISE
vs FREQUENCY
Frequency (Hz)
20
1k
10k
100
20k
0.1
0.01
0.001
500kHz Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com