Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2143SZ Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2143SZ
Description  ?? dB Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2143SZ Datasheet(HTML) 4 Page - Analog Devices

  SSM2143SZ Datasheet HTML 1Page - Analog Devices SSM2143SZ Datasheet HTML 2Page - Analog Devices SSM2143SZ Datasheet HTML 3Page - Analog Devices SSM2143SZ Datasheet HTML 4Page - Analog Devices SSM2143SZ Datasheet HTML 5Page - Analog Devices SSM2143SZ Datasheet HTML 6Page - Analog Devices SSM2143SZ Datasheet HTML 7Page - Analog Devices SSM2143SZ Datasheet HTML 8Page - Analog Devices SSM2143SZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SSM2143
REV.
–4–
VS = ±15V
TA = +25°C
FREQUENCY – Hz
10M
1k
100
100k
10k
1M
40
0
–30
30
10
20
–20
–10
Figure 8. Closed-Loop Gain vs. Frequency, 100 Hz to
10 MHz
1M
1k
100
100k
10k
FREQUENCY – Hz
TA = +25°C
VS = ±15V
120
0
60
20
40
100
80
Figure 10. Common-Mode Rejection vs. Frequency
1M
1k
100
100k
10k
FREQUENCY – Hz
0
TA = +25°C
VS = ±15V
2
10
6
4
8
Figure 12. Closed-Loop Output Impedance vs. Frequency
Figure 7. Closed-Loop Gain vs. Frequency, 20 Hz to 20 kHz
(Gain of 1/2 Normalized to 0 dB)
–180
180
–90
–135
0
–45
45
90
135
FREQUENCY – Hz
1k
100
100k
10k
1M
10M
TA = +25°C
RL = 2kΩ
VS = ±15V
Figure 9. Closed-Loop Phase vs. Frequency
140
0
60
20
40
120
80
100
FREQUENCY – Hz
10
100
1M
100k
1k
10k
–PSRR
+PSRR
TA = +25°C
VS = ±15V
Figure 11. Power Supply Rejection vs. Frequency
VS = ±15V
TA = +25°C
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com