Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2143SZ Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2143SZ
Description  ?? dB Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2143SZ Datasheet(HTML) 2 Page - Analog Devices

  SSM2143SZ Datasheet HTML 1Page - Analog Devices SSM2143SZ Datasheet HTML 2Page - Analog Devices SSM2143SZ Datasheet HTML 3Page - Analog Devices SSM2143SZ Datasheet HTML 4Page - Analog Devices SSM2143SZ Datasheet HTML 5Page - Analog Devices SSM2143SZ Datasheet HTML 6Page - Analog Devices SSM2143SZ Datasheet HTML 7Page - Analog Devices SSM2143SZ Datasheet HTML 8Page - Analog Devices SSM2143SZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
REV.
–2–
SSM2143–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
AUDIO PERFORMANCE
Total Harmonic Distortion Plus Noise
THD+N
VIN = 10 V rms, RL = 10 k
Ω, f = 1 kHz
0.0006
%
Signal-to-Noise Ratio
SNR
0 dBu = 0.775 V rms, 20 kHz BW, RTI
–107.3
dBu
Headroom
HR
Clip Point = 1% THD+N
+28.0
dBu
DYNAMIC RESPONSE
Slew Rate
SR
RL = 2 kΩ, CL = 200 pF
6
10
V/
µs
Small Signal Bandwidth
BW–3 dB
RL = 2 k
Ω, C
L = 200 pF
G = 1/2
7
MHz
G = 2
3.5
MHz
INPUT
Input Offset Voltage
VIOS
VCM = 0 V, RTI, G = 2
–1.2
0.05
+1.2
mV
Common-Mode Rejection
CMR
VCM =
±10 V, RTO
f = dc
70
90
dB
f = 60 Hz
90
dB
f = 20 kHz
85
dB
f = 400 kHz
60
dB
Power Supply Rejection
PSR
VS =
±6 V to ±18 V
90
110
dB
Input Voltage Range
IVR
Common Mode
±15
V
Differential
±28
V
OUTPUT
Output Voltage Swing
VO
RL = 2 kΩ± 13
±14
V
Minimum Resistive Load Drive
2k
Ω
Maximum Capacitive Load Drive
300
pF
Short Circuit Current Limit
ISC
+45, –20
mA
GAIN
Gain Accuracy
–0.1
0.03
0.1
%
REFERENCE INPUT
Input Resistance
18
k
Ω
Voltage Range
±10
V
POWER SUPPLY
Supply Voltage Range
VS
±6
±18
V
Supply Current
ISY
VCM = 0 V, RL = ∞± 2.7
±4.0
mA
Specifications subject to change without notice.
(VS =
15 V, –40 C
≤ T
A
≤ +85 C, G = 1/2, unless otherwise noted.
Typical specifications apply at TA = +25 C)
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . .
±22 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±44 V
Output Short Circuit Duration . . . . . . . . . . . . . . . Continuous
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Thermal Resistance
8-Pin Plastic DIP (P):
θ
JA = 103,
θ
JC = 43
. . . . . . . . .
°C/W
8-Pin SOIC (S):
θ
JA = 150,
θ
JC = 43.
. . . . . . . . . . . . .
°C/W
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com