Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2143SZ Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2143SZ
Description  ?? dB Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2143SZ Datasheet(HTML) 1 Page - Analog Devices

  SSM2143SZ Datasheet HTML 1Page - Analog Devices SSM2143SZ Datasheet HTML 2Page - Analog Devices SSM2143SZ Datasheet HTML 3Page - Analog Devices SSM2143SZ Datasheet HTML 4Page - Analog Devices SSM2143SZ Datasheet HTML 5Page - Analog Devices SSM2143SZ Datasheet HTML 6Page - Analog Devices SSM2143SZ Datasheet HTML 7Page - Analog Devices SSM2143SZ Datasheet HTML 8Page - Analog Devices SSM2143SZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FUNCTIONAL BLOCK DIAGRAM
12k
12k
6k
6k
–IN
+IN
SSM2143
VOUT
REFERENCE
V+
V–
SENSE
Ω
Ω
Ω
Ω
PIN CONNECTIONS
Epoxy Mini-DIP (P Suffix)
and
SOIC (S Suffix)
1
2
3
45
6
7
8
REF
–IN
+IN
V–
OP-482
NC
V+
SENSE
SSM2143
TOP VIEW
(NOT TO SCALE)
NC = NO CONNECT
VOUT
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
–6 dB Differential
Line Receiver
SSM2143
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax:
FEATURES
High Common-Mode Rejection
DC: 90 dB typ
60 Hz: 90 dB typ
20 kHz: 85 dB typ
Ultralow THD: 0.0006% typ @ 1 kHz
Fast Slew Rate: 10 V/ s typ
Wide Bandwidth: 7 MHz typ (G = 1/2)
Two Gain Levels Available: G = 1/2 or 2
Low Cost
GENERAL DESCRIPTION
The SSM2143 is an integrated differential amplifier intended to
receive balanced line inputs in audio applications requiring a
high level of immunity from common-mode noise. The device
provides a typical 90 dB of common-mode rejection (CMR),
which is achieved by laser trimming of resistances to better than
0.005%.
Additional features of the device include a slew rate of 10 V/
µs
and wide bandwidth. Total harmonic distortion (THD) is less
than 0.004% over the full audio band, even while driving low
impedance loads. The SSM2143 input stage is designed to
handle input signals as large as +28 dBu at G = 1/2. Although
primarily intended for G = 1/2 applications, a gain of 2 can be
realized by reversing the +IN/–IN and SENSE/REFERENCE
connections.
When configured for a gain of 1/2, the SSM2143 and SSM2142
Balanced Line Driver provide a fully integrated, unity gain
solution to driving audio signals over long cable runs. For
similar performance with G = 1, see SSM2141.
A
781/461-3113


Similar Part No. - SSM2143SZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2143SZ AD-SSM2143SZ Datasheet
277Kb / 10P
6 dB Differential Line Receiver
REV. A
SSM2143SZ-REEL AD-SSM2143SZ-REEL Datasheet
277Kb / 10P
6 dB Differential Line Receiver
REV. A
More results

Similar Description - SSM2143SZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116 Datasheet
122Kb / 8P
Hex Differential Line Receiver
March, 2000 ??Rev. 3
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
Analog Devices
SSM2143 AD-SSM2143 Datasheet
364Kb / 8P
-6 dB Differential Line Receiver
REV.0
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
Differential Line Receiver
logo
Intersil Corporation
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
Differential Line Receiver
February 11, 2005
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
Differential line receiver.
logo
IK Semicon Co., Ltd
IL34C86 IKSEMICON-IL34C86 Datasheet
144Kb / 6P
Differential line receiver
logo
Analog Devices
SSM2143SZ AD-SSM2143SZ Datasheet
277Kb / 10P
6 dB Differential Line Receiver
REV. A
SSM2143 AD-SSM2143_15 Datasheet
277Kb / 10P
6 dB Differential Line Receiver
REV. A
logo
Renesas Technology Corp
EL2142 RENESAS-EL2142 Datasheet
454Kb / 6P
Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com