Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV624A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV624A
Description  Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV624A Datasheet(HTML) 1 Page - STMicroelectronics

  TSV624A Datasheet HTML 1Page - STMicroelectronics TSV624A Datasheet HTML 2Page - STMicroelectronics TSV624A Datasheet HTML 3Page - STMicroelectronics TSV624A Datasheet HTML 4Page - STMicroelectronics TSV624A Datasheet HTML 5Page - STMicroelectronics TSV624A Datasheet HTML 6Page - STMicroelectronics TSV624A Datasheet HTML 7Page - STMicroelectronics TSV624A Datasheet HTML 8Page - STMicroelectronics TSV624A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
January 2013
Doc ID 15689 Rev 5
1/25
25
TSV622, TSV622A, TSV623, TSV623A,
TSV624, TSV624A, TSV625, TSV625A
Rail-to-rail input/output, 29
μA, 420 kHz CMOS operational
amplifiers
Datasheet
−production data
Features
■ Rail-to-rail input and output
■ Low power consumption: 29 µA typ, 36 µA
max
■ Low supply voltage: 1.5 – 5.5 V
■ Gain bandwidth product: 420 kHz typ
■ Unity gain stable on 100 pF capacitor
■ Low power shutdown mode: 5 nA typ
■ Good accuracy: 800 µV max (A version)
■ Low input bias current: 1 pA typ
■ EMI hardened operational amplifiers
Related products
■ See the TSV61x series for more power savings
(120 kHz for 9
μA)
■ See the TSV63x series for higher gain
bandwidth (880 kHz for 60
μA)
Applications
■ Battery-powered applications
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation
Description
The TSV622, TSV622A, TSV623, TSV623A,
TSV624, TSV624A, TSV625, and TSV625A dual
and quad operational amplifiers offer low voltage,
low power operation, and rail-to-rail input and
output.
The TSV62x/TSV62xA series feature an excellent
speed/power consumption ratio, offering a
420 kHz gain bandwidth product while consuming
only 29 µA at 5 V supply voltage.
These op-amps are unity gain stable for
capacitive loads up to 100 pF. They also feature
an ultra-low input bias current and low input offset
voltage. TSV623 (dual) and TSV625 (quad) have
two shutdown pins to reduce power consumption.
These features make the TSV62x/TSV62xA
family ideal for sensor interfaces, battery-supplied
and portable applications, and active filtering.
Table 1.
Device summary
Reference
Dual version
Quad version
Without
standby
With
standby
Without
standby
With
standby
TSV62x
TSV622
TSV623
TSV624
TSV625
TSV62xA
TSV622A
TSV623A
TSV624A
TSV625A
TSSOP-14
MiniSO-8/MiniSO-10
SO-8
SOT23-8
TSSOP-16
www.st.com


Similar Part No. - TSV624A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV624AIPT STMICROELECTRONICS-TSV624AIPT Datasheet
1,011Kb / 25P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
15-Jun-2009
TSV624AIPT STMICROELECTRONICS-TSV624AIPT Datasheet
972Kb / 24P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
More results

Similar Description - TSV624A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
OP150 AD-OP150 Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers
28-May-2009
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
15-Jun-2009
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
18-Jan-2010
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com