Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV624A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV624A
Description  Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV624A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV624A Datasheet HTML 6Page - STMicroelectronics TSV624A Datasheet HTML 7Page - STMicroelectronics TSV624A Datasheet HTML 8Page - STMicroelectronics TSV624A Datasheet HTML 9Page - STMicroelectronics TSV624A Datasheet HTML 10Page - STMicroelectronics TSV624A Datasheet HTML 11Page - STMicroelectronics TSV624A Datasheet HTML 12Page - STMicroelectronics TSV624A Datasheet HTML 13Page - STMicroelectronics TSV624A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Electrical characteristics
TSV62x, TSV62xA
10/25
Doc ID 15689 Rev 5
Figure 2.
Supply current vs. supply voltage
at Vicm = VCC/2
Figure 3.
Output current vs. output voltage at
VCC = 1.5 V
Figure 4.
Output current vs. output voltage at
VCC = 5 V
Figure 5.
Voltage gain and phase vs.
frequency at Vcc = 1.5 V
Ω
Figure 6.
Voltage gain and phase vs.
frequency at VCC = 5 V
Figure 7.
Phase margin vs. output current at
VCC = 1.5 V and VCC = 5 V
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com