Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV624A Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSV624A
Description  Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV624A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSV624A Datasheet HTML 17Page - STMicroelectronics TSV624A Datasheet HTML 18Page - STMicroelectronics TSV624A Datasheet HTML 19Page - STMicroelectronics TSV624A Datasheet HTML 20Page - STMicroelectronics TSV624A Datasheet HTML 21Page - STMicroelectronics TSV624A Datasheet HTML 22Page - STMicroelectronics TSV624A Datasheet HTML 23Page - STMicroelectronics TSV624A Datasheet HTML 24Page - STMicroelectronics TSV624A Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
TSV62x, TSV62xA
Ordering information
Doc ID 15689 Rev 5
23/25
6
Ordering information
Table 15.
Order codes
Order codes
Temperature
range
Package
Packing
Marking
TSV622ILT
-40° C to +125° C
SOT23-8
Tape & reel
K107
TSV622AILT
K143
TSV622ID/DT
SO-8
Tube and tape & reel
TSV622
TSV622AID/DT
TSV622A
TSV622IST
MiniSO-8
Tape & reel
K107
TSV622AIST
K143
TSV623IST
MiniSO-10
K114
TSV623AIST
K144
TSV624IPT
TSSOP-14
TSV624
TSV624AIPT
TSV624A
TSV625IPT
TSSOP-16
TSV625
TSV625AIPT
TSV625A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com