Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRMS=14V Datasheet(PDF) 18 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors Leaded varistors, StandarD series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 18 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 14Page - EPCOS VRMS=14V Datasheet HTML 15Page - EPCOS VRMS=14V Datasheet HTML 16Page - EPCOS VRMS=14V Datasheet HTML 17Page - EPCOS VRMS=14V Datasheet HTML 18Page - EPCOS VRMS=14V Datasheet HTML 19Page - EPCOS VRMS=14V Datasheet HTML 20Page - EPCOS VRMS=14V Datasheet HTML 21Page - EPCOS VRMS=14V Datasheet HTML 22Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Reliability data
Test
Test methods/conditions
Requirement
Varistor voltage
The voltage between two terminals with
the specified measuring current applied
is called VV (1 mADC @ 0.2 ... 2 s).
To meet the specified value
Clamping voltage
The maximum voltage between two
terminals with the specified standard
impulse current (8/20 µs) applied.
To meet the specified value
Endurance at upper
category temperature
1000 h at UCT
After having continuously applied the
maximum allowable AC voltage at UCT
±2 °C for 1000 h, the specimen shall be
stored at room temperature and normal
humidity for 1 to 2 h.
Thereafter, the change of VV shall be
measured.
|
∆V/V (1 mA)| ≤10%
Surge current derating,
8/20
µs
10 surge currents (8/20
µs), unipolar,
interval 30 s, amplitude corresponding
to derating curve for 10 impulses at
20
µs
|
∆V/V (1 mA)| ≤10%
(measured in direction of
surge current)
No visible damage
Surge current derating,
2 ms
10 surge currents (2 ms), unipolar,
interval 120 s, amplitude corresponding
to derating curve for 10 impulses at
2 ms
|
∆V/V (1 mA)| ≤10%
(measured in direction of
surge current)
No visible damage
Electric strength
IEC 61051-1, test 4.9.2
Metal balls method, 2500 VRMS, 60 s
The varistor is placed in a container
holding 1.6
±0.2 mm diameter metal
balls such that only the terminations of
the varistor are protruding.
The specified voltage shall be applied
between both terminals of the specimen
connected together and the electrode
inserted between the metal balls.
No breakdown
Leaded varistors
B722*
StandarD series
Page 18 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com