Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRMS=14V Datasheet(PDF) 20 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors Leaded varistors, StandarD series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 20 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 16Page - EPCOS VRMS=14V Datasheet HTML 17Page - EPCOS VRMS=14V Datasheet HTML 18Page - EPCOS VRMS=14V Datasheet HTML 19Page - EPCOS VRMS=14V Datasheet HTML 20Page - EPCOS VRMS=14V Datasheet HTML 21Page - EPCOS VRMS=14V Datasheet HTML 22Page - EPCOS VRMS=14V Datasheet HTML 23Page - EPCOS VRMS=14V Datasheet HTML 24Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Test
Test methods/conditions
Requirement
Solderability
IEC 60068-2-20, test Ta,
method 1 with modified conditions for
lead-free solder alloys: 245
°C, 3 s:
After dipping the terminals to a depth of
approximately 3 mm from the body in a
soldering bath of 245
°C for 3 s, the
terminals shall be visually examined.
The inspection shall be
carried out under adequate
light with normal eyesight or
with the assistance of a
magnifier capable of giving
a magnification of 4 to
10 times. The dipped
surface shall be covered
with a smooth and bright
solder coating with no more
than small amounts of
scattered imperfections
such as pinholes or
un-wetted or de-wetted
areas. These imperfections
shall not be concentrated in
one area.
Resistance to soldering
heat
IEC 60068-2-20, test Tb, method 1A,
260
°C, 10 s:
Each lead shall be dipped into a solder
bath having a temperature of 260
±5 °C
to a point 2.0 to 2.5 mm from the body
of the specimen, be held there for
10
±1 s and then be stored at room
temperature and normal humidity for
1 to 2 h.
The change of VV shall be measured
and the specimen shall be visually
examined.
|
∆V/V (1 mA)| ≤5%
No visible damage
Tensile strength
IEC 60068-2-21, test Ua1
After gradually applying the force
specified below and keeping the unit
fixed for 10 s, the terminal shall be
visually examined for any damage.
Force for wire diameter:
0.6 mm = 10 N
0.8 mm = 10 N
1.0 mm = 20 N
|
∆V/V (1 mA)| ≤5%
No break of solder joint,
no wire break
Leaded varistors
B722*
StandarD series
Page 20 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com