Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVT-15/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVT-15/NOPB
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVT-15/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2575HVT-15/NOPB Datasheet HTML 2Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 3Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 4Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 5Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 6Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 7Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 8Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 9Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
LM1575, LM2575-N, LM2575HV
SNVS106E – MAY 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS LM1575-15, LM2575-15, LM2575HV-15
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range .
LM2575-15
LM1575-15
Units
LM2575HV-15
Parameter
Conditions
Typ
(Limits)
Symbol
Limit (1)
Limit (2)
SYSTEM PARAMETERS Test Circuit Figure 25 and Figure 26(3)
VOUT
Output Voltage
VIN = 30V, ILOAD = 0.2A
15
V
Circuit Figure 25 and Figure 26
14.85
14.70
V(Min)
15.15
15.30
V(Max)
VOUT
Output Voltage
0.2A
≤ ILOAD ≤ 1A,
15
V
LM1575/LM2575
18V
≤ VIN ≤ 40V
14.55/14.40
14.40/14.25
V(Min)
Circuit Figure 25 and Figure 26
15.45/15.60
15.60/15.75
V(Max)
VOUT
Output Voltage
0.2A
≤ ILOAD ≤ 1A,
15
V
LM2575HV
18V
≤ VIN ≤ 60V
14.55/14.40
14.40/14.25
V(Min)
Circuit Figure 25 and Figure 26
15.525/15.675
15.68/15.83
V(Max)
η
Efficiency
VIN = 18V, ILOAD = 1A
88
%
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All limits are used to
calculate Average Outgoing Quality Level, and all are 100% production tested.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM1575/LM2575 is used as shown in the test circuit Figure 25 and Figure 26, system performance will be as shown in system
parameters of Electrical Characteristics.
ELECTRICAL CHARACTERISTICS LM1575-ADJ, LM2575-ADJ, LM2575HV-ADJ
Specifications with standard type face are for TJ= 25°C, and those with boldface type apply over full Operating
Temperature Range.
LM2575-ADJ
LM1575-ADJ
Units
LM2575HV-ADJ
Symbol
Parameter
Conditions
Typ
(Limits)
Limit (1)
Limit (2)
SYSTEM PARAMETERS Test Circuit Figure 25 and Figure 26(3)
VOUT
Feedback Voltage
VIN = 12V, ILOAD = 0.2A
1.230
V
VOUT = 5V
1.217
1.217
V(Min)
Circuit Figure 25 and Figure 26
1.243
1.243
V(Max)
VOUT
Feedback Voltage
0.2A
≤ ILOAD ≤ 1A,
1.230
V
LM1575/LM2575
8V
≤ VIN ≤ 40V
1.205/1.193
1.193/1.180
V(Min)
VOUT = 5V, Circuit Figure 25 and
Figure 26
1.255/1.267
1.267/1.280
V(Max)
VOUT
Feedback Voltage
0.2A
≤ ILOAD ≤ 1A,
1.230
V
LM2575HV
8V
≤ VIN ≤ 60V
1.205/1.193
1.193/1.180
V(Min)
VOUT = 5V, Circuit Figure 25 and
Figure 26
1.261/1.273
1.273/1.286
V(Max)
η
Efficiency
VIN = 12V, ILOAD = 1A, VOUT = 5V
77
%
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All limits are used to
calculate Average Outgoing Quality Level, and all are 100% production tested.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM1575/LM2575 is used as shown in the test circuit Figure 25 and Figure 26, system performance will be as shown in system
parameters of Electrical Characteristics.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com