Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVT-15/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVT-15/NOPB
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVT-15/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2575HVT-15/NOPB Datasheet HTML 9Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 10Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 11Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 12Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 13Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 14Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 15Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 16Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
LM2575 Series Buck Regulator Design Procedure
PROCEDURE (Fixed Output Voltage Versions)
EXAMPLE (Fixed Output Voltage Versions)
Given:
Given:
VIN(Max) = Maximum Input Voltage
VOUT = 5V
VIN(Max) = 20V
VOUT = Regulated Output Voltage (3.3V, 5V, 12V, or 15V)
ILOAD(Max) = 0.8A
ILOAD(Max) = Maximum Load Current
1. Inductor Selection (L1)
1. Inductor Selection (L1)
A. Select the correct Inductor value selection guide from Figure 27, A. Use the selection guide shown in Figure 28.
Figure 28, Figure 29 and Figure 30 (Output voltages of 3.3V, 5V, B. From the selection guide, the inductance area intersected by the
12V or 15V respectively). For other output voltages, see the design 20V line and 0.8A line is L330.
procedure of Figure 26 .
C. Inductor value required is 330
μH. From the table in Table 2,
B. From the inductor value selection guide, identify the inductance choose AIE 415-0926, Pulse Engineering PE-52627, or RL1952.
region intersected by VIN(Max) and ILOAD(Max), and note the
inductor code for that region.
C. Identify the inductor value from the inductor code, and select an
appropriate inductor from the table shown in Table 2. Part numbers
are listed for three inductor manufacturers. The inductor chosen
must be rated for operation at the LM2575 switching frequency (52
kHz) and for a current rating of 1.15 × ILOAD. For additional inductor
information, see INDUCTOR SELECTION.
2. Output Capacitor Selection (COUT)
2. Output Capacitor Selection (COUT)
A. The value of the output capacitor together with the inductor A. COUT = 100 μF to 470 μF standard aluminum electrolytic.
defines the dominate pole-pair of the switching regulator loop. For B. Capacitor voltage rating = 20V.
stable
operation
and
an
acceptable
output
ripple
voltage,
(approximately 1% of the output voltage) a value between 100
μF
and 470
μF is recommended.
B. The capacitor's voltage rating should be at least 1.5 times greater
than the output voltage. For a 5V regulator, a rating of at least 8V is
appropriate, and a 10V or 15V rating is recommended.
Higher voltage electrolytic capacitors generally have lower ESR
numbers, and for this reason it may be necessary to select a
capacitor rated for a higher voltage than would normally be needed.
3. Catch Diode Selection (D1)
3. Catch Diode Selection (D1)
A. The catch-diode current rating must be at least 1.2 times greater A. For this example, a 1A current rating is adequate.
than the maximum load current. Also, if the power supply design B. Use a 30V 1N5818 or SR103 Schottky diode, or any of the
must withstand a continuous output short, the diode should have a suggested fast-recovery diodes shown in Table 1.
current rating equal to the maximum current limit of the LM2575. The
most stressful condition for this diode is an overload or shorted
output condition.
B. The reverse voltage rating of the diode should be at least 1.25
times the maximum input voltage.
4. Input Capacitor (CIN)
4. Input Capacitor (CIN)
An aluminum or tantalum electrolytic bypass capacitor located close A 47
μF, 25V aluminum electrolytic capacitor located near the input
to the regulator is needed for stable operation.
and ground pins provides sufficient bypassing.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com