Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVT-15/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVT-15/NOPB
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVT-15/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2575HVT-15/NOPB Datasheet HTML 4Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 5Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 6Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 7Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 8Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 9Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 10Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 11Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
LM1575, LM2575-N, LM2575HV
SNVS106E – MAY 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS (continued)
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V
version, and VIN = 30V for the 15V version. ILOAD = 200 mA.
LM2575-XX
LM1575-XX
Units
LM2575HV-XX
Symbol
Parameter
Conditions
Typ
(Limits)
Limit (1)
Limit (2)
ON /OFF CONTROL Test Circuit Figure 25 and Figure 26
VIH
ON /OFF Pin Logic
VOUT = 0V
1.4
2.2/2.4
2.2/2.4
V(Min)
Input Level
VIL
VOUT = Nominal Output Voltage
1.2
1.0/0.8
1.0/0.8
V(Max)
IIH
ON /OFF Pin Input
ON /OFF Pin = 5V (OFF)
12
μA
Current
30
30
μA(Max)
IIL
ON /OFF Pin = 0V (ON)
0
μA
10
10
μA(Max)
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com