Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021IP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2021IP
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2021IP Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLE2021IP Datasheet HTML 23Page - Texas Instruments TLE2021IP Datasheet HTML 24Page - Texas Instruments TLE2021IP Datasheet HTML 25Page - Texas Instruments TLE2021IP Datasheet HTML 26Page - Texas Instruments TLE2021IP Datasheet HTML 27Page - Texas Instruments TLE2021IP Datasheet HTML 28Page - Texas Instruments TLE2021IP Datasheet HTML 29Page - Texas Instruments TLE2021IP Datasheet HTML 30Page - Texas Instruments TLE2021IP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
TLE2021 operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
T
C SUFFIX
I SUFFIX
M SUFFIX
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = 1 V to 3 V,
See Figure 1
25°C
0.5
0.5
0.5
V/μs
V
Equivalent input noise voltage
f = 10 Hz
25°C
21
50
21
50
21
nV/Hz
Vn
Equivalent input noise voltage
(see Figure 2)
f = 1 kHz
25°C
17
30
17
30
17
nV/Hz
V
Peak-to-peak equivalent input
f = 0.1 to 1 Hz
25°C
0.16
0.16
0.16
V
VN(PP)
Peak to peak equivalent input
noise voltage
f = 0.1 to 10 Hz
25°C
0.47
0.47
0.47
μV
In
Equivalent input noise current
25°C
0.09
0.09
0.9
pA/Hz
B1
Unity-gain bandwidth
See Figure 3
25°C
1.2
1.2
1.2
MHz
φm
Phase margin at unity gain
See Figure 3
25°C
42°
42°
42°
TLE2021 operating characteristics at specified free-air temperature, VCC = ±15 V
PARAMETER
TEST CONDITIONS
T †
C SUFFIX
I SUFFIX
M SUFFIX
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
V
1V to 3 V
See Figure 1
25°C
0.45
0.65
0.45
0.65
0.45
0.65
V/ s
SR
Slew rate at unity gain
VO = 1V to 3 V,
See Figure 1
Full range
0.45
0.42
0.45
V/μs
V
Equivalent input noise voltage
f = 10 Hz
25°C
19
50
19
50
19
nV/Hz
Vn
Equivalent input noise voltage
(see Figure 2)
f = 1 kHz
25°C
15
30
15
30
15
nV/Hz
V
Peak-to-peak equivalent input
f = 0.1 to 1 Hz
25°C
0.16
0.16
0.16
V
VN(PP)
Peak to peak equivalent input
noise voltage
f = 0.1 to 10 Hz
25°C
0.47
0.47
0.47
μV
In
Equivalent input noise current
25°C
0.09
0.09
0.09
pA/Hz
B1
Unity-gain bandwidth
See Figure 3
25°C
2
2
2
MHz
φm
Phase margin at unity gain
See Figure 3
25°C
46°
46°
46°
† Full range is 0°C to 70°C for the C-suffix devices, −40°C to 85°C for the I-suffix devices, and −55°C to 125°C for the M-suffix devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com