Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021IP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2021IP
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2021IP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLE2021IP Datasheet HTML 12Page - Texas Instruments TLE2021IP Datasheet HTML 13Page - Texas Instruments TLE2021IP Datasheet HTML 14Page - Texas Instruments TLE2021IP Datasheet HTML 15Page - Texas Instruments TLE2021IP Datasheet HTML 16Page - Texas Instruments TLE2021IP Datasheet HTML 17Page - Texas Instruments TLE2021IP Datasheet HTML 18Page - Texas Instruments TLE2021IP Datasheet HTML 19Page - Texas Instruments TLE2021IP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
TLE2021 electrical characteristics at specified free-air temperature, VCC = ± 15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TLE2021I
TLE2021AI
TLE2021BI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
25°C
120
500
80
200
40
100
V
VIO
Input offset voltage
Full range
850
500
200
μV
αVIO
Temperature coefficient of
input offset voltage
Full range
2
2
2
μV/°C
Input offset voltage long-term drift
(see Note 4)
VIC = 0, RS = 50 Ω
25°C
0.006
0.006
0.006
μV/mo
I
Input offset current
25°C
0.2
6
0.2
6
0.2
6
nA
IIO
Input offset current
Full range
10
10
10
nA
I
Input bias current
25°C
25
70
25
70
25
70
nA
IIB
Input bias current
Full range
90
90
90
nA
V
Common-mode input voltage range
R
50 Ω
25°C
−15
to
13.5
−15.3
to
14
−15
to
13.5
−15.3
to
14
−15
to
13.5
−15.3
to
14
V
VICR
Common mode input voltage range
RS = 50 Ω
Full range
−15
to
13.2
−15
to
13.2
−15
to
13.2
V
V
Maximum positive peak output
25°C
14
14.3
14
14.3
14
14.3
V
VOM +
Maximum positive peak output
voltage swing
R
10 kΩ
Full range
13.9
13.9
13.9
V
V
Maximum negative peak output
RL = 10 kΩ
25°C
−13.7 −14.1
−13.7 −14.1
−13.7 −14.1
V
VOM −
Maximum negative peak output
voltage swing
Full range
−13.6
−13.6
−13.6
V
A
Large-signal differential
VO =10 V,
25°C
1
6.5
1
6.5
1
6.5
V/ V
AVD
Large signal differential
voltage amplification
VO =10 V,
RL = 10 kΩ
Full range
0.75
0.75
0.75
V/μV
CMRR
Common mode rejection ratio
VIC = VICR min,
25°C
100
115
100
115
100
115
dB
CMRR
Common-mode rejection ratio
VIC = VICR min,
RS = 50 Ω
Full range
96
96
96
dB
k
Supply-voltage rejection ratio
VCC ± = ± 2. 5 V
25°C
105
120
105
120
105
120
dB
kSVR
Supply voltage rejection ratio
(ΔVCC/ΔVIO)
VCC ± = ± 2. 5 V
to ± 15 V
Full range
100
100
100
dB
I
Supply current
25°C
240
350
240
350
240
350
A
ICC
Supply current
VO = 0 V No load
Full range
350
350
350
μA
ΔICC
Supply-current change over
operating temperature range
VO = 0 V, No load
Full range
7
7
7
μA
† Full range is − 40°C to 85°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation
and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com