Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021IP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2021IP
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2021IP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLE2021IP Datasheet HTML 8Page - Texas Instruments TLE2021IP Datasheet HTML 9Page - Texas Instruments TLE2021IP Datasheet HTML 10Page - Texas Instruments TLE2021IP Datasheet HTML 11Page - Texas Instruments TLE2021IP Datasheet HTML 12Page - Texas Instruments TLE2021IP Datasheet HTML 13Page - Texas Instruments TLE2021IP Datasheet HTML 14Page - Texas Instruments TLE2021IP Datasheet HTML 15Page - Texas Instruments TLE2021IP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
TLE2022 electrical characteristics at specified free-air temperature, VCC = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TLE2022C
TLE2022AC
TLE2022BC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
25°C
150
500
120
300
70
150
V
VIO
Input offset voltage
Full range
700
450
300
μV
Temperature coefficient of
Full range
2
2
2
V/°C
αVIO
Temperature coefficient of
input offset voltage
Full range
2
2
2
μV/°C
Input offset voltage long-term
V
0
R
50 Ω
25°C
0 006
0 006
0 006
V/mo
Input offset voltage long term
drift (see Note 4)
VIC = 0,
RS = 50 Ω
25°C
0.006
0.006
0.006
μV/mo
I
Input offset current
25°C
0.5
6
0.4
6
0.3
6
nA
IIO
Input offset current
Full range
10
10
10
nA
I
Input bias current
25°C
35
70
33
70
30
70
nA
IIB
Input bias current
Full range
90
90
90
nA
−15 −15.3
−15 −15.3
−15 −15.3
25°C
−15
to
−15.3
to
−15
to
−15.3
to
−15
to
−15.3
to
V
Common-mode input
R
50 Ω
25 C
to
13.5
to
14
to
13.5
to
14
to
13.5
to
14
V
VICR
Common mode input
voltage range
RS = 50 Ω
−15
−15
−15
V
voltage range
Full range
−15
to
−15
to
−15
to
Full range
to
13.5
to
13.5
to
13.5
V
Maximum positive peak
25°C
14
14.3
14
14.3
14
14.3
V
VOM +
Maximum positive peak
output voltage swing
R
10 kΩ
Full range
13.9
13.9
13.9
V
V
Maximum negative peak
RL = 10 kΩ
25°C
−13.7 −14.1
−13.7 −14.1
−13.7 −14.1
V
VOM−
Maximum negative peak
output voltage swing
Full range
−13.7
−13.7
−13.7
V
A
Large-signal differential
V
±10 V
R
10 kΩ
25°C
0.8
4
1
7
1.5
10
V/ V
AVD
Large signal differential
voltage amplification
VO = ±10 V,
RL = 10 kΩ
Full range
0.8
1
1.5
V/μV
CMRR
Common mode rejection ratio V
V
min
R
50 Ω
25°C
95
106
97
109
100
112
dB
CMRR
Common-mode rejection ratio VIC = VICRmin,
RS = 50 Ω
Full range
91
93
96
dB
k
Supply-voltage rejection ratio
V
±2 5 V to ±15 V
25°C
100
115
103
118
105
120
dB
kSVR
Supply voltage rejection ratio
(ΔVCC±/ΔVIO)
VCC± = ±2.5 V to ±15 V
Full range
95
98
100
dB
I
Supply current
25°C
550
700
550
700
550
700
A
ICC
Supply current
VO = 0
No load
Full range
700
700
700
μA
ΔI
Supply current change over
VO = 0,
No load
Full range
9
9
9
μA
ΔICC
Supply current change over
operating temperature range
Full range
9
9
9
μA
† Full range is 0°C to 70°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius
equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com