Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB3846 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB3846
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB3846 Datasheet(HTML) 4 Page - Unisonic Technologies

  UB3846 Datasheet HTML 1Page - Unisonic Technologies UB3846 Datasheet HTML 2Page - Unisonic Technologies UB3846 Datasheet HTML 3Page - Unisonic Technologies UB3846 Datasheet HTML 4Page - Unisonic Technologies UB3846 Datasheet HTML 5Page - Unisonic Technologies UB3846 Datasheet HTML 6Page - Unisonic Technologies UB3846 Datasheet HTML 7Page - Unisonic Technologies UB3846 Datasheet HTML 8Page - Unisonic Technologies UB3846 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UB3846
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R103-053.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, VDD=15V, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
25
V
Zener Clamp
28
V
Zener Current
10
mA
Input Voltage to FB Pin
VFB
7
V
Input Voltage to CS Pin
VSENSE
7
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-50 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
8.2 ~ 21
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=15V, RI=100kΩ ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Start Up Current
ISTR
VDD = VDD(ON)-0.1V
22
45
μA
IC Operating current
IOP
FB PIN OPEN
7
9
mA
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
13.5
14.2
15
V
Min. Operating Voltage
VDD(MIN)
7.5
8.2
9
V
Hysteresis
VDD(HY)
6
V
INTERNAL VOLTAGE REFERENCE
Reference Voltage
VREF
measured at pin VFB
6.3
6.5
6.7
V
CONTROL SECTION
VFB Operating Level
VMIN
0.5
V
VMAX
4.4
V
Burst-Mode Out FB Voltage
VFB(OUT) VSENSE =0
1.7
V
Reduce-Frequency end FB Voltage
VFB(END) VSENSE =0
1.6
V
Burst-Mode Enter FB Voltage
VFB(IN)
VSENSE =0
1.5
V
Switch Frequency
Normal
F(SW)
FB PIN OPEN
61
68
75
kHz
Power-Saving
Before enter burst mode
24
31
kHz
Duty Cycle
DMAX
FB PIN OPEN, VSENSE =0
68
74
80
%
DMIN
VFB<0.5V
0
%
Frequency Hopping
FJ(SW)
±1.5
±3
±4.5
kHz
Frequency Variation VS VDD Deviation
FDV
VDD=10 to 20V
5
%
Frequency Variation VS Temperature Deviation
FDT
T=-40 to 105°C
5
%
Feedback Resistor
RFB
VFB=0V
16
21
26
kΩ
PROTECTION SECTION
OVP threshold
VOVP
FB PIN OPEN
28
V
OTP threshold
T(THR)
120
135
150
°C
CURRENT LIMITING SECTION
Peak Current Limitation
VCS
FB PIN OPEN
0.85
1
V
DRIVER OUTPUT SECTION
Output Voltage Low State
VOL
ISOURCE = 200 mA
2.5
V
Output Voltage High State
VOH
ISINK = 200 mA
12.2
V
Output Voltage Rise Time
tR
CL = 1.0 nF
200
300
ns
Output Voltage Fall Time
tF
CL = 1.0 nF
50
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com