Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB3846 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB3846
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB3846 Datasheet(HTML) 1 Page - Unisonic Technologies

  UB3846 Datasheet HTML 1Page - Unisonic Technologies UB3846 Datasheet HTML 2Page - Unisonic Technologies UB3846 Datasheet HTML 3Page - Unisonic Technologies UB3846 Datasheet HTML 4Page - Unisonic Technologies UB3846 Datasheet HTML 5Page - Unisonic Technologies UB3846 Datasheet HTML 6Page - Unisonic Technologies UB3846 Datasheet HTML 7Page - Unisonic Technologies UB3846 Datasheet HTML 8Page - Unisonic Technologies UB3846 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB3846
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R103-053.C
LOW COST POWER-SAVING
MODE PWM CONTROLLER
FOR FLYBACK CONVERTERS
DESCRIPTION
The UTC UB3846 is a high performance current mode PWM
controller ideally suited for low standby power and cost effective
off-line flyback converter.
Low VDD startup current make the power reliable in startup
design and a large value resistor could be used in the startup
circuit to minimize the standby power. At no load condition, the
IC operates in burst mode for lower standby power and in
decreasing frequency for higher conversion efficiency at light
load condition. The PWM switching frequency is programmable
externally at normal operation.
The UTC UB3846 contains protection coverage with
automatic self-recovery including OCP (cycle-by-cycle current
limiting), OTP (over temperature protection), UVLO (VDD over
voltage clamp and under voltage lockout).To protect the power
MOSFET, Gate-drive output is fixed up to 15V max.
The internal slope compensation improves system stability at
high PWM duty cycle output. Leading-edge blanking on current
sense (CS) input removes the signal glitch that offers minimal
reqnirement of external component and lower system cost.
Excellent EMI performance is achieved by UTC proprietary
frequency hopping technique together with soft driver control.
Audio noise is eliminated because switch frequency is more
than 20kHz during operation.
The UTC UC3846 can be used in the applications, such as
battery charger, power adaptor, set-top box power supplies, ink
jet printers open-frame SMPS
DIP-8
SOT-26
4
5
3
2
1
6
FEATURES
* UTC proprietary frequency hopping technology
for Improved EMI
* Performance.
* Power-saving mode for high light-load efficiency
* Burst mode for minimum standby power
* Dynamic peak current limiting for constant output
power
* Built-in synchronized slope compensation
* OTP,OVP and VDD clamp for higher security
* Programmable PWM Frequency
* Gate output voltage clamped at 15V
* Low start-up current
* Cycle-by-cycle Current Limiting
* Under voltage lockout (UVLO)
* Few external components required
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UB3846L-AG6-R
UB3846G-AG6-R
SOT-26
Tape Reel
UB3846L-D08-T
UB3846G-D08-T
DIP-8
Tube
(1) T: Tube, R: Tape Reel
(2) AG6: SOT-26, D08: DIP-8
(3) G: Halogen Free, L: Lead Free
UB3846L-AG6-R
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - UB3846

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
logo
List of Unclassifed Man...
UB3804X ETC1-UB3804X Datasheet
304Kb / 24P
Single Color PI 3 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
More results

Similar Description - UB3846

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
Unisonic Technologies
UC3846 UTC-UC3846 Datasheet
324Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3863 UTC-UC3863 Datasheet
366Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3837 UTC-UC3837 Datasheet
366Kb / 11P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3873 UTC-UC3873 Datasheet
375Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
E-Tech Electronics LTD
UC3856 ETL-UC3856 Datasheet
257Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
Low Cost Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com