Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB3846 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UB3846
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB3846 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UB3846 Datasheet HTML 2Page - Unisonic Technologies UB3846 Datasheet HTML 3Page - Unisonic Technologies UB3846 Datasheet HTML 4Page - Unisonic Technologies UB3846 Datasheet HTML 5Page - Unisonic Technologies UB3846 Datasheet HTML 6Page - Unisonic Technologies UB3846 Datasheet HTML 7Page - Unisonic Technologies UB3846 Datasheet HTML 8Page - Unisonic Technologies UB3846 Datasheet HTML 9Page - Unisonic Technologies UB3846 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UB3846
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R103-053.C
REFRENCE CIRCUIT
SENSE
VDD
GATE
GND
FB
RI
U1
8
7
5
1
2
4
R7
R9
R8
R6
Q1
1
3
22
C6
3
C1
+
C2
R2
R1
C3
R5
R3
R4
D1
10
9
8
5
7
T1
D4
R10 C7
C8
+
1, 2
3, 4
21
1
2
1
2
D5
+
C9
L2
VO
GND
R13
R14
C10
R12
U3
3
1
2
R11
2
1
3
4
U2
D2
2
1
C4
+
BD1
2
1
4
12
L1
CX1
F1
L
N
CY1
6
3
NC
NC
Reference
Component
Reference
Component
BD1
BD 1A/500V
L2
10μH 6mm
CX1 (Optional)
YC 472P/400V (Y1)
Q1
1N60
CY1 (Optional)
YC 102P/400V (Y1)
R1,R2
R 750KΩ 1206
C2
EC 10μF/400V 105℃
R4,R3
R 47KΩ 1206
C1
CC 103P/500V
R5
R 47Ω 1206
C3
CC 1000P/500V
R6
R 4.7Ω 1206
C4
EC 10u/50V
R7
R 100Ω 0805
C6
CC 472P 0805
R8
R 10Ω 1206
C7 (Optional)
CC 102P/100V 1206
R10 (Optional)
R 10Ω 1206
C8
EC 470u/10V 105℃
R9
R 100KΩ 0805
C9
EC 220u/10V 105℃
R11
R 100Ω 1/8W
C10
CC 222P 0805
R12
R 33KΩ 0805
D1
Diode FRI07
R13
R 33KΩ 1/8W
D2
Diode FR102
R14
R 4.7KΩ 0805
D4
Diode SB360
T1
EE-16
D5 (Optional)
ZD 6.8V 0.5W
U1
IC UB3846
F1
R1Ω/0.5W
U2
PC817
L1
20mH 6*8mm
U3
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com