Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3003E Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003E
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003E Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PCM3003E Datasheet HTML 1Page - Burr-Brown (TI) PCM3003E Datasheet HTML 2Page - Burr-Brown (TI) PCM3003E Datasheet HTML 3Page - Burr-Brown (TI) PCM3003E Datasheet HTML 4Page - Burr-Brown (TI) PCM3003E Datasheet HTML 5Page - Burr-Brown (TI) PCM3003E Datasheet HTML 6Page - Burr-Brown (TI) PCM3003E Datasheet HTML 7Page - Burr-Brown (TI) PCM3003E Datasheet HTML 8Page - Burr-Brown (TI) PCM3003E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
®
PCM3002/3003
2
SPECIFICATIONS
All specifications at +25
°C, V
DD = VCC = 3.0V, fS = 44.1kHz, SYSCLK = 384fS, and 16-bit data, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN
product for use in life support devices and/or systems.
NOTES: (1) Pins 7, 8, 17 and 18: RST, ML, MD, MC for the PCM3002; PDAD, PDDA, DEM1, DEM0 for PCM3003 (Schmitt-Trigger input with 100k
Ω typical internal
pull-down resistor). (2) Pins 9, 10, 11, 15: SYSCLK, LRCIN, BCKIN, DIN (Schmitt Trigger input). (3) Pin16: 20BIT for PCM3003 (Schmitt-Trigger input, 100k
Ω
typical internal pull-down resistor). (4) Pin 12: DOUT. (5) Pin 16: ZFLG (open drain output). (6) High Pass Filter for Offset Cancel. (7) Refer to Application Bulletin
AB-148 for information relating to operation at lower sampling frequencies. (8) fIN = 1kHz, using Audio Precision System II, rms mode with 20kHz LPF, 400Hz
HPF used for performance calculation. (9) fOUT = 1kHz, using Audio Precision System II, rms mode with 20kHz LPF, 400Hz HPF used for performance calculation.
(10) Applies for voltages between 2.4V to 2.7V for 0
°C to +70°C and 256f
S /512fS operation (384fS not available). (11) SYSCLK, BCKIN, and LRCIN are stopped.
PCM3002E/3003E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUT/OUTPUT
Input Logic
Input Logic Level: VIH(1, 2, 3)
0.7 x VDD
VDC
VIL(1, 2, 3)
0.3 x VDD
VDC
Input Logic Current: IIN(2)
±1
µA
Input Logic Current: IIN(1)
100
µA
Output Logic
Output Logic Level: VOH(5)
IOUT = –1mA
VDD –0.3
VDC
VOL(5)
IOUT = +1mA
0.3
VDC
Output Logic Level: VOL(4)
IOUT = +1mA
0.3
VDC
CLOCK FREQUENCY
Sampling Frequency (fS)
32(7)
44.1
48
kHz
System Clock Frequency
256fS
8.1920
11.2896
12.2880
MHz
384fS
12.2880
16.9344
18.4320
MHz
512fS
16.3840
22.5792
24.5760
MHz
ADC CHARACTERISTICS
RESOLUTION
20
Bits
DC ACCURACY
Gain Mismatch Channel-to-Channel
±1.0
±3.0
% of FSR
Gain Error
±2.0
±5.0
% of FSR
Gain Drift
±20
ppm of FSR/
°C
Bipolar Zero Error
High-Pass Filter Disabled(6)
±1.7
% of FSR
Bipolar Zero Drift
High-Pass Filter Disabled(6)
±20
ppm of FSR/
°C
DYNAMIC PERFORMANCE(8)
THD+N: VIN = –0.5dB
–86
–80
dB
VIN = –60dB
–28
dB
Dynamic Range
A-Weighted
86
90
dB
Signal-to-Noise Ratio
A-Weighted
86
90
dB
Channel Separation
84
88
dB
DIGITAL FILTER PERFORMANCE
Passband
0.454fS
Hz
Stopband
0.583fS
Hz
Passband Ripple
±0.05
dB
Stopband Attenuation
–65
dB
Delay Time
17.4/fS
sec
HPF Frequency Response
–3dB
0.019fS
mHz
ANALOG INPUT
Voltage Range
0.60 VCC
Vp-p
Center Voltage
0.50 VCC
V
Input Impedance
30
k
Ω
Anti-Aliasing Filter Frequency Response
–3dB
150
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com