Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3003E Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003E
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003E Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button PCM3003E Datasheet HTML 9Page - Burr-Brown (TI) PCM3003E Datasheet HTML 10Page - Burr-Brown (TI) PCM3003E Datasheet HTML 11Page - Burr-Brown (TI) PCM3003E Datasheet HTML 12Page - Burr-Brown (TI) PCM3003E Datasheet HTML 13Page - Burr-Brown (TI) PCM3003E Datasheet HTML 14Page - Burr-Brown (TI) PCM3003E Datasheet HTML 15Page - Burr-Brown (TI) PCM3003E Datasheet HTML 16Page - Burr-Brown (TI) PCM3003E Datasheet HTML 17Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
®
13
PCM3002/3003
PCM AUDIO INTERFACE
The four-wire digital audio interface for PCM3002/3003 is
comprised of: LRCIN (pin 10), BCKIN (pin 11), DIN (pin
15), and DOUT (pin 12). The PCM3002 may be used with
any of the four input/output data formats (Formats 0 - 3),
while the PCM3003 may only be used with selected input/
output formats (Formats 0 - 1). For the PCM3002, these
formats are selected through PROGRAM REGISTER 3 in
the software mode. For the PCM3003, data formats are
selected by the 20BIT input (pin 16). Figures 2, 3 and 4
illustrate audio data input/output formats and timing.
The PCM3002/3003 can accept 32-, 48-, or 64-bit clocks
(BCKIN) in one clock of LRCIN. Only 16-bit data formats
can be selected when 32-bit clocks/LRCIN are applied.
FIGURE 2. Audio Data Input/Output Format.
MSB
L–ch
R–ch
L–ch
R–ch
LSB
LRCIN
BCKIN
FORMAT 0: PCM3002/3003
DIN
MSB
LSB
DAC: 16-Bit, MSB-First, Right-Justified
ADC: 16-Bit, MSB-First, Left-Justified
1
16
2
3
14 15 16
12
3
14 15 16
MSB
LSB
LRCIN
BCKIN
DOUT
MSB
LSB
12
3
14 15 16
12
3
14 15 16
1
MSB
L–ch
R–ch
L–ch
R–ch
LSB
LRCIN
BCIN
FORMAT 2: PCM3002 Only
DIN
MSB
LSB
DAC: 20-Bit, MSB-First, Left-Justified
ADC: 20-Bit, MSB-First, Left-Justified
12
3
18 19 20
12
3
18 19 20
MSB
LSB
LRCIN
BCIN
DOUT
MSB
LSB
12
3
18 19 20
12
3
18 19 20
MSB
L–ch
R–ch
L–ch
R–ch
LSB
LRCIN
BCKIN
FORMAT 1: PCM3002/3003
DIN
MSB
LSB
DAC: 20-Bit, MSB-First, Right-Justified
ADC: 20-Bit, MSB-First, Left-Justified
1
20
2
3
18 19 20
12
3
18 19 20
MSB
LSB
LRCIN
BCKIN
DOUT
MSB
LSB
12
3
18 19 20
12
3
18 19 20
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com