Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3003E Datasheet(PDF) 21 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003E
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003E Datasheet(HTML) 21 Page - Burr-Brown (TI)

Back Button PCM3003E Datasheet HTML 15Page - Burr-Brown (TI) PCM3003E Datasheet HTML 16Page - Burr-Brown (TI) PCM3003E Datasheet HTML 17Page - Burr-Brown (TI) PCM3003E Datasheet HTML 18Page - Burr-Brown (TI) PCM3003E Datasheet HTML 19Page - Burr-Brown (TI) PCM3003E Datasheet HTML 20Page - Burr-Brown (TI) PCM3003E Datasheet HTML 21Page - Burr-Brown (TI) PCM3003E Datasheet HTML 22Page - Burr-Brown (TI) PCM3003E Datasheet HTML 23Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
®
21
PCM3002/3003
PCM3003 DATA FORMAT CONTROL
PCM3003 has hardware functional control using PDAD (pin
7) and PDDA (pin 8) for Power-Down Control; DEM0 (pin
18) and DEM1 (pin 17) for de-emphasis; and 20BIT (pin 16)
for 16-/20-bit format selection.
Power-Down Control (Pin 7 and Pin 8)
Both the ADC’s and DAC’s Power-Down Control pins
place the ADC or DAC section in the lowest power con-
sumption mode. The ADC/DAC operation is stopped by
cutting the supply current to the ADC/DAC section. DOUT
is fixed to zero during ADC Power-Down Mode enable and
VOUT is fixed to GND during DAC Power-Down Mode
enable. Figure 8 illustrates the ADC and DAC output re-
sponse for Power-Down ON/OFF.
PDAD
PDDA
POWER DOWN
Low
Low
Reset (ADC/DAC Power-Down Enable)
Low
High
ADC Power-Down/DAC Operates
High
Low
ADC Operates/DAC Power-Down
High
High
ADC and DAC Normal Operation
De-Emphasis Control (Pin 17 and Pin 18)
DEM0 (pin 18) and DEM1 (pin 17) are used as de-emphasis
control pins.
DEM1
DEM0
DE-EMPHASIS
Low
Low
De-Emphasis Enabled for 44.1kHz
Low
High
De-Emphasis Disabled
High
Low
De-Emphasis Enabled for 48kHz
High
High
De-Emphasis Enabled for 32kHz
20BIT Audio Data Selection (Pin 16)
20BIT
FORMAT
Low
ADC: 16-bit MSB-first, Left-justified
DAC: 16-bit MSB-first, Right-justified
High
ADC: 20-bit MSB-first, Left-justified
DAC: 20-bit MSB-first, Right-justified
APPLICATION AND LAYOUT
CONSIDERATIONS
POWER SUPPLY BYPASSING
The digital and analog power supply lines to PCM3002/
3003 should be bypassed to the corresponding ground pins
with both 0.1
µF ceramic and 10µF tantalum capacitors as
close to the device pins as possible. Although PCM3002/
3003 has three power supply lines to optimize dynamic
performance, the use of one common power supply is
generally recommended to avoid unexpected latch-up or pop
noise due to power supply sequencing problems. If separate
power supplies are used, back-to-back diodes are recom-
mended to avoid latch-up problems.
GROUNDING
In order to optimize the dynamic performance of PCM3002/
3003, the analog and digital grounds are not connected
internally. The PCM3002/3003 performance is optimized
with a single ground plane for all returns. It is recommended
to tie all PCM3002/3003 ground pins with low impedance
connections to the analog ground plane. PCM3002/3003
should reside entirely over this plane to avoid coupling high
frequency digital switching noise into the analog ground
plane.
VOLTAGE INPUT PINS
A tantalum or aluminum electrolytic capacitor, between 1
µF
and 10
µF, is recommended as an AC-coupling capacitor at
the inputs. Combined with the 30k
Ω characteristic input
impedance, a 1.0
µF coupling capacitor will establish a 5.3Hz
cut-off frequency for blocking DC. The input voltage range
can be increased by adding a series resistor on the analog
input line. This series resistor, when combined with the 30k
Ω
input impedance, creates a voltage divider and enables larger
input ranges.
VREF INPUTS
A 4.7
µF to 10µF tantalum capacitor is recommended be-
tween VREFL, VREFR, and AGND to ensure low source
impedance for the ADC’s references. These capacitors should
be located as close as possible to the reference pins to reduce
dynamic errors on the ADC reference.
VCOM INPUTS
A 4.7
µF to 10µF tantalum capacitor is recommended be-
tween VCOM and AGND to ensure low source impedance of
the ADC and DAC common voltage. This capacitor should
be located as close as possible to the VCOM pin to reduce
dynamic errors on the DC common mode voltage.
SYSTEM CLOCK
The quality of the system clock can influence dynamic
performance of both the ADC and DAC in the PCM3002/
3003. The duty cycle and jitter at the system clock input pin
must be carefully managed. When power is supplied to the
part, the system clock, bit clock (BCKIN) and a word clock
(LCRIN) should also be supplied simultaneously. Failure to
supply the audio clocks will result in a power dissipation
increase of up to three times normal dissipation and may
degrade long term reliability if the maximum power dissipa-
tion limit is exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com