Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTX4-600S Datasheet(PDF) 7 Page - SemiHow Co.,Ltd.

Part # HTX4-600S
Description  NON INSULATED TYPE SENSITIVE GATE TRIAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX4-600S Datasheet(HTML) 7 Page - SemiHow Co.,Ltd.

  HTX4-600S Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 6Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
corresponding
symbol
measurement
A(mm)
7.99±0.25
B(mm)
11.12±0.25
C(mm)
14.5±0.5
E(mm)
3.625±0.125
F(mm)
1.4±0.12
G(mm)
0.76±0.08
G1(mm)
1.3±0.12
H(mm)
3.57±0.13
H3(mm)
2.01±0.13
I(mm)
2.99±0.38
K(mm)
1.0±0.12
L(mm)
2.3MAX
φ
1(mm)
3.0±0.12
Package Dimension
HTM4-600S
(TO-126ML)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com