Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTX4-600S Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HTX4-600S
Description  NON INSULATED TYPE SENSITIVE GATE TRIAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX4-600S Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HTX4-600S Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 6Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Performance Curves
Fig 1. Gate Characteristics
Gate Current (mA)
10
1
10
0
10
-1
10
0
10
1
10
2
10
3
Fig 2.On-State Voltage
On-state Voltage (V)
10
-1
10
0
10
1
10
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
RMS On-State Current (A)
Fig 3. Gate Trigger Voltage
vs. Junction Temperature
Junction Temperature (℃)
10
3
10
2
10
1
-50
0
50
100
150
V+
GT1
V-
GT1
V-
GT3
Fig 4. On State Current
vs. Maximum Power Dissipation
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
Fig 5. On State Current
vs. Allowable Case Temperature
RMS On-State Current (A)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
130
125
120
115
110
105
100
95
5.0
0.0
Time (Cycles)
10
0
10
1
10
2
35
30
25
20
15
10
5
0
Fig 6. Surge On-State Current
Rating (Non-Repetitive)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com