Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTX4-600S Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTX4-600S
Description  NON INSULATED TYPE SENSITIVE GATE TRIAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX4-600S Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTX4-600S Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 6Page - SemiHow Co.,Ltd. HTX4-600S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Repetitive Peak Off-State Voltage: 600V
R.M.S On-state Current (IT(RMS)=4A)
High Commutation dv/dt
Sensitive Gate Triggering 4 Mode
FEATURES
HTx4-600S
NON INSULATED TYPE
SENSITIVE GATE TRIAC
The devices is sensitive gate TRIAC suitable for direct coupling to
TTL,HTL,CMOS and application such as various logic functions,
low power AC switching applications, such as fan speed, small light
controllers and home appliance equipment.
General Description
1.T1 2. T2 3. Gate
VDRM = 600 V
IT(RMS) = 4.0A
IGT(MAX) = 10mA
1.T1
Symbol
2.T2
3.Gate
Absolute Maximum Ratings
(
Ta=25℃)
Symbol
Parameter
Value
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.SOn-State Current (Ta = 95
℃)4
A
VGM
Peak Gate Voltage
7
V
IGM
Peak Gate Current
1
A
PG(AV)
Average Gate Power Dissipation
0.1
W
PGM
Peak Gate Power Dissipation
1.5
W
TSTG
Storage Temperature Range
-40 to +125
℃
Tj
OperatingTemperature
-40 to +125
℃
ITSM
30/33
A
Surge On-State Current
(One Cycle, 50/60Hz, Peak, Non Repetitive)
HTP4-600S
HTC4-600S
HTM4-600S


Similar Part No. - HTX4-600S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTX4-600 SEMIHOW-HTX4-600 Datasheet
266Kb / 6P
600V 4A TRIAC
More results

Similar Description - HTX4-600S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTP8A60 ETC1-HTP8A60 Datasheet
170Kb / 3P
NON INSULATED TYPE TRIAC
HTN4A60S ETC2-HTN4A60S Datasheet
142Kb / 3P
NON INSULATED TYPE TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HTF4A60S HUASHAN-HTF4A60S Datasheet
178Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220F PACKAGE)
HTM4A60S HUASHAN-HTM4A60S Datasheet
168Kb / 4P
INSULATED TYPE SENSITIVE GATE TRIAC (TO-126ML PACKAGE)
HTN4A60S HUASHAN-HTN4A60S Datasheet
181Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
HTP4A60S HUASHAN-HTP4A60S Datasheet
167Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220 PACKAGE)
HTU4A60S HUASHAN-HTU4A60S Datasheet
169Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-251 PACKAGE)
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
Sensitive Gate Triac
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
Sensitive Gate Triac
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com