Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTX8-600 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTX8-600
Description  600V 8A TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX8-600 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTX8-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX8-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX8-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX8-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX8-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX8-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HTx8-600
600V 8A TRIAC
VDRM = 600 V
IT(RMS) = 8.0 A
1.T1 2. T2 3. Gate
Repetitive Peak Off-State Voltage: 600V
R.M.S On –State Current (IT(RMS) = 8A)
High Commutation dv/dt
FEATURES
HTP8-600
2
1
3
TO-220
2
1
3
TO-220F
HTS8-600
General Description
The TRIAC HTP8-600 is suitable for AC switching application, phase
control application such as heater control, motor control, lighting control,
and static switching relay.
Symbol
Parameter
Value
Units
Absolute Maximum Ratings
(Ta=25℃)
Symbol
Parameter
Value
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.S On-State Current (Ta = 105℃)
HTP8-600
8A
R.M.S On-State Current (Tc = 89℃)
HTS8-600
ITSM
Surge On-State Current
(One Cycle, 50/60Hz, Peak, Non Repetitive)
50Hz
80
A
60Hz
88
A
V
Peak Gate Voltage
10
V
VGM
Peak Gate Voltage
10
V
IGM
Peak Gate Current
2
A
PGM
Peak Gate Power Dissipation
5
W
VISO
Isolation Breakdown Boltate, AC RMS 1Min
(HTS8-600 only)
1500
V
TSTG
Storage Temperature Range
-40 to +125
℃
TJ
Operating Temperature
-40 to +125
℃
◎ SEMIHOW REV.A0,Dec 2010


Similar Part No. - HTX8-600

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
HTX RMT-HTX Datasheet
869Kb / 36P
Operating Manual
logo
Taiyo Yuden (U.S.A.), I...
HTX-16V151MF80-R2 TAIYO-YUDEN-HTX-16V151MF80-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-16V151MF80Q-R2 TAIYO-YUDEN-HTX-16V151MF80Q-R2 Datasheet
245Kb / 2P
FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-16V820MF61-R2 TAIYO-YUDEN-HTX-16V820MF61-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
HTX-16V820MF61Q-R2 TAIYO-YUDEN-HTX-16V820MF61Q-R2 Datasheet
245Kb / 2P
FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HTX]
More results

Similar Description - HTX8-600

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
TRIAC 600V,8A
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
600V - 8A - Triac
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
600V - 8A - Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE_15 Datasheet
194Kb / 8P
600V ??8A - Triac Medium Power Use
BCR8LM-12LA RENESAS-BCR8LM-12LA_15 Datasheet
138Kb / 7P
600V - 8A - Triac Medium Power Use
BCR8CM-12LB RENESAS-BCR8CM-12LB_15 Datasheet
151Kb / 9P
600V - 8A - Triac Medium Power Use
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
8A TRIAC
logo
Renesas Technology Corp
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
700V - 8A - Triac
BCR8FM-12LB RENESAS-BCR8FM-12LB Datasheet
518Kb / 9P
BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-12LC RENESAS-BCR8FM-12LC Datasheet
514Kb / 9P
600V - 8A - Triac Medium Power Use
Feb. 19, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com