Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7776 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button SFH7776_13 Datasheet HTML 13Page - OSRAM GmbH SFH7776_13 Datasheet HTML 14Page - OSRAM GmbH SFH7776_13 Datasheet HTML 15Page - OSRAM GmbH SFH7776_13 Datasheet HTML 16Page - OSRAM GmbH SFH7776_13 Datasheet HTML 17Page - OSRAM GmbH SFH7776_13 Datasheet HTML 18Page - OSRAM GmbH SFH7776_13 Datasheet HTML 19Page - OSRAM GmbH SFH7776_13 Datasheet HTML 20Page - OSRAM GmbH SFH7776_13 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Version 0.1
SFH 7776
2013-07-09
17
DRAFT - For reference only.
Subject to change without notice.
Typical crosstalk free range
V
DD=2.5V; ILED=200mA; Trep=100ms; glass without ink and a two separate IR transmissive openings for
emitter and detector
Note for crosstalk free range: The displayed crosstalk free ranges for a single or two hole IR transmissive opening are
measured with a clear cover.Depending on the used ink the crosstalk level can differ and needs to be measured.OSRAM
OS provides costumer related application support and measurements - please contact your OSRAM OS marketing or
sales partner, if support is required.
As the measurement results show the typical performance of the sensor OSRAM OS recommends to design inn a
additional safety guard in the distance of the cover bottom surface to the top of the sensor of 200µm.
e.g.: for a 0.5mm thick cover window with two holes and an acceptable crosstalk level of 0 counts the distance of the
cover window bottom surface to the top of the sensor should not exceed 0.6mm (typ. it would be 0.8mm)!
0
0
0.2
0.4
0.6
0.2
0.4
0.6
0 counts
mm
Thickness of coverglass
0.8
1
1.2
mm
0.8
1.0
1.2
1 count
> 1 count
OHF05609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com