Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7776 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button SFH7776_13 Datasheet HTML 18Page - OSRAM GmbH SFH7776_13 Datasheet HTML 19Page - OSRAM GmbH SFH7776_13 Datasheet HTML 20Page - OSRAM GmbH SFH7776_13 Datasheet HTML 21Page - OSRAM GmbH SFH7776_13 Datasheet HTML 22Page - OSRAM GmbH SFH7776_13 Datasheet HTML 23Page - OSRAM GmbH SFH7776_13 Datasheet HTML 24Page - OSRAM GmbH SFH7776_13 Datasheet HTML 25Page - OSRAM GmbH SFH7776_13 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
2013-07-09
22
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
Persistence Register (0x43h)
Settings for the interrupt activation and of the persistence interrupt function. Persistence function is only
valid for the PS measurements.
0 proximity output
0000
X1
X1
00 25 mA
1 Infrared DC level
output
0100
X2
X1
01 50 mA
0101
X2
X2
10 100 mA
1010
X64
X64
11 200 mA
1110
X128
X64
1111
X128
X128
rest
forbidden
R/W-Register 0x43
Bit
7
6
5
4
3
2
1
0
Reserved (read only) Persistence
default 0000
0001 Interrupt status is updated after each measurement
R/W-Register 0x42
Bit
7
6
5 4 3 2
1
0
Reserved
(read only)
PS output
ALS Gain for ALS VIS and ALS
IR
LED current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com