Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7776 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7776_13 Datasheet HTML 1Page - OSRAM GmbH SFH7776_13 Datasheet HTML 2Page - OSRAM GmbH SFH7776_13 Datasheet HTML 3Page - OSRAM GmbH SFH7776_13 Datasheet HTML 4Page - OSRAM GmbH SFH7776_13 Datasheet HTML 5Page - OSRAM GmbH SFH7776_13 Datasheet HTML 6Page - OSRAM GmbH SFH7776_13 Datasheet HTML 7Page - OSRAM GmbH SFH7776_13 Datasheet HTML 8Page - OSRAM GmbH SFH7776_13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Version 0.1
SFH 7776
2013-07-09
5
DRAFT - For reference only.
Subject to change without notice.
Measurement modes
If
V
DD exceeds the threshold voltage, the sensor will switch from OFF mode to STAND-BY mode. As
shown in the transition-diagram above it is possible to switch between all modes without any restriction.
Mode
Description
OFF
The device is inactive. Other units may use the I2C bus without any restrictions; I/O
pins and INT are in high Z state. There is no sink current through the LED
STAND-BY
This is the initial mode after power-up. IDD is typ. 0.8A. No measurement is
performed. Device can be activated by I2C bus communication. Data registers can
be read and written.
ALS / PS free -
RUNNING
Measurements are triggered internally by the SFH 7776. Stand-by / active mode for
ALS and PS, measurement times, interrupt options and LED current can be adjusted
via I²C register. Measurement results can be read from the data register, the status
from the interrupt register.
STAND-BY
OFF
Proximity Sensor (PS)
and
Ambient Light Sensor (ALS)
free - RUNNING
Proximity Sensor (PS)
free - RUNNING
Ambient Light Sensor (ALS)
free - RUNNING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com